Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF1946 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MRF1946
Description  RF POWER TRANSISTORS NPN SILICON
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF1946 Datasheet(HTML) 4 Page - Motorola, Inc

  MRF1946 Datasheet HTML 1Page - Motorola, Inc MRF1946 Datasheet HTML 2Page - Motorola, Inc MRF1946 Datasheet HTML 3Page - Motorola, Inc MRF1946 Datasheet HTML 4Page - Motorola, Inc MRF1946 Datasheet HTML 5Page - Motorola, Inc MRF1946 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MRF1946 MRF1946A
4
MOTOROLA RF DEVICE DATA
Figure 8. Typical Performance in a Broadband Circuit
170
f, FREQUENCY (MHz)
155
160
165
175
100
12
80
60
20
Gpe
ηc
INPUT VSWR
Pin = 3 W
VCC = 12.5 V
150
40
10
8
6
4
2.0:1
1.5:1
1.1:1
Figure 9. Series Equivalent Input and
Output Impedance
Zin
f = 136 MHz
220
150
ZOL*
f = 136 MHz
175
175
220
150
Zo = 10 Ω
f
MHz
Zin
Ohms
ZOL*
Ohms
136
150
175
220
0.60 – j0.48
0.63 – j0.26
0.62 + j0.13
0.73 + j0.57
2.22 – j0.74
2.30 – j0.40
2.35 – j0.04
2.20 + j0.43
ZOL* = Conjugate of the optimum load impedance
ZOL* = into which the device output operates at a
ZOL* = given output power, voltage and frequency.
VCC = 12.5 Vdc, Pout = 30 W


Similar Part No. - MRF1946

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF1946 ASI-MRF1946 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF1946A ASI-MRF1946A Datasheet
33Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - MRF1946

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF422 MOTOROLA-MRF422 Datasheet
97Kb / 4P
   RF POWER TRANSISTORS NPN SILICON
logo
New Jersey Semi-Conduct...
2N6082 NJSEMI-2N6082 Datasheet
83Kb / 1P
   NPN SILICON RF POWER TRANSISTORS
logo
Motorola, Inc
MRF401 MOTOROLA-MRF401 Datasheet
497Kb / 3P
   NPN SILICON RF POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6083 NJSEMI-2N6083 Datasheet
130Kb / 1P
   NPN SILICON RF POWER TRANSISTORS
logo
Motorola, Inc
MRF314 MOTOROLA-MRF314 Datasheet
113Kb / 6P
   RF POWER TRANSISTORS NPN SILICON
logo
Tyco Electronics
MRF314 MACOM-MRF314 Datasheet
200Kb / 5P
   RF POWER TRANSISTORS NPN SILICON
logo
New Jersey Semi-Conduct...
MRF652 NJSEMI-MRF652 Datasheet
81Kb / 1P
   NPN Silicon RF Power Transistors
logo
Motorola, Inc
MRF421 MOTOROLA-MRF421 Datasheet
102Kb / 4P
   RF POWER TRANSISTORS NPN SILICON
MRF891 MOTOROLA-MRF891 Datasheet
116Kb / 4P
   RF POWER TRANSISTORS NPN SILICON
MRF240 MOTOROLA-MRF240 Datasheet
129Kb / 6P
   RF POWER TRANSISTORS NPN SILICON
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com