Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2576BT Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # LM2576BT
Description  52kHz Simple 3A Buck Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2576BT Datasheet(HTML) 9 Page - Micrel Semiconductor

  LM2576BT Datasheet HTML 1Page - Micrel Semiconductor LM2576BT Datasheet HTML 2Page - Micrel Semiconductor LM2576BT Datasheet HTML 3Page - Micrel Semiconductor LM2576BT Datasheet HTML 4Page - Micrel Semiconductor LM2576BT Datasheet HTML 5Page - Micrel Semiconductor LM2576BT Datasheet HTML 6Page - Micrel Semiconductor LM2576BT Datasheet HTML 7Page - Micrel Semiconductor LM2576BT Datasheet HTML 8Page - Micrel Semiconductor LM2576BT Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
August 2005
9
M9999-082605-B
LM2576
Micrel, Inc.
Package Information
0.018
±0.008
(0.46
±0.20)
0.268 REF
(6.81 REF)
0.032
±0.005
(0.81
±0.13)
0.550
±0.010
(13.97
±0.25)
7
°
Typ.
SEATING
PLANE
0.578
±0.018
(14.68
±0.46)
0.108
±0.005
(2.74
±0.13)
0.050
±0.005
(1.27
±0.13)
0.150 D
±0.005
(3.81 D
±0.13)
0.400
±0.015
(10.16
±0.38)
0.177
±0.008
(4.50
±0.20)
0.103
±0.013
(2.62
±0.33)
0.241
±0.017
(6.12
±0.43)
0.067
±0.005
(1.70
±0.127)
inch
(mm)
Dimensions:
5-Lead TO-220 (T)
0.067
±0.005
0.032
±0.003
0.360
±0.005
0.600
±0.025
0.405
±0.005
0.060
±0.005
0.176
±0.005
8
° MAX
0.100
±0.01
0.050
±0.005
0.015
±0.002
0.004+0.004
–0.008
SEATING PLANE
0.065
±0.010
20
°±2°
DIM. = INCH
5-Lead TO-263 (U)
MICREL INC.
2180 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
This information furnished by Micrel in this data sheet is believed to be accurate and reliable. However no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s
use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser’s own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2005 Micrel, Incorporated.


Similar Part No. - LM2576BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2576BT MICREL-LM2576BT Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
LM2576BT MICREL-LM2576BT Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576BT MICREL-LM2576BT Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
More results

Similar Description - LM2576BT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
   52kHz Simple 0.5A Buck Regulator
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_08 Datasheet
398Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
logo
Taiwan Semiconductor Co...
TS2576 TSC-TS2576_07 Datasheet
395Kb / 8P
   3A / 52KHz Buck Switching Regulator
logo
Micrel Semiconductor
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575_09 Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com