Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSZ9021RNI Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # KSZ9021RNI
Description  Gigabit Ethernet Transceiver with RGMII Support
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KSZ9021RNI Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button KSZ9021RNI Datasheet HTML 6Page - Micrel Semiconductor KSZ9021RNI Datasheet HTML 7Page - Micrel Semiconductor KSZ9021RNI Datasheet HTML 8Page - Micrel Semiconductor KSZ9021RNI Datasheet HTML 9Page - Micrel Semiconductor KSZ9021RNI Datasheet HTML 10Page - Micrel Semiconductor KSZ9021RNI Datasheet HTML 11Page - Micrel Semiconductor KSZ9021RNI Datasheet HTML 12Page - Micrel Semiconductor KSZ9021RNI Datasheet HTML 13Page - Micrel Semiconductor KSZ9021RNI Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Micrel, Inc.
KSZ9021RL/RN
October 2009
10
M9999-101309-1.1
Pin Number
Pin Name
Type
(1)
Pin Function
12
AVDDL
P
1.2V analog VDD
13
AVDDL
P
1.2V analog VDD
14
TXRXP_D
I/O
Media Dependent Interface[3], positive signal of differential pair
1000Base-T Mode:
TXRXP_D corresponds to BI_DD+ for MDI configuration and BI_DC+ for
MDI-X configuration, respectively.
10Base-T / 100Base-TX Mode:
TXRXP_D is not used.
15
TXRXM_D
I/O
Media Dependent Interface[3], negative signal of differential pair
1000Base-T Mode:
TXRXM_D corresponds to BI_DD- for MDI configuration and BI_DC- for
MDI-X configuration, respectively.
10Base-T / 100Base-TX Mode:
TXRXM_D is not used.
16
AVDDH
P
3.3V analog VDD
17
VSS
Gnd
Digital ground
18
VSS
Gnd
Digital ground
19
LED2 /
PHYAD1
I/O
LED Output:
Programmable LED2 Output /
Config Mode:
The pull-up/pull-down value is latched as PHYAD[1] during
power-up / reset. See “Strapping Options” section for details.
The LED2 pin is programmed by the LED_MODE strapping option (pin 55), and is
defined as follows.
Single LED Mode
Link
Pin State
LED Definition
Link off
H
OFF
Link on (any speed)
L
ON
Tri-color Dual LED Mode
Pin State
LED Definition
Link / Activity
LED2
LED1
LED2
LED1
Link off
H
H
OFF
OFF
1000 Link / No Activity
L
H
ON
OFF
1000 Link / Activity (RX, TX)
Toggle
H
Blinking
OFF
100 Link / No Activity
H
L
OFF
ON
100 Link / Activity (RX, TX)
H
Toggle
OFF
Blinking
10 Link / No Activity
L
L
ON
ON
10 Link / Activity (RX, TX)
Toggle
Toggle
Blinking
Blinking
For Tri-color Dual LED Mode, LED2 works in conjunction with LED1 (pin 21) to
indicate 10 Mbps Link and Activity.
20
DVDDH
P
3.3V / 2.5V digital VDD


Similar Part No. - KSZ9021RNI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ9021RN MICREL-KSZ9021RN Datasheet
124Kb / 2P
   Single-port Gigabit Transceiver with RGMII Support
logo
Microchip Technology
KSZ9021RN MICROCHIP-KSZ9021RN Datasheet
661Kb / 67P
   Gigabit Ethernet Transceiver with RGMII Support
05/14/19
More results

Similar Description - KSZ9021RNI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
KSZ9031RNX MICROCHIP-KSZ9031RNX_V01 Datasheet
866Kb / 81P
   Gigabit Ethernet Transceiver with RGMII Support
DS00002117J (04-26-22)
KSZ9021RL MICROCHIP-KSZ9021RL Datasheet
661Kb / 67P
   Gigabit Ethernet Transceiver with RGMII Support
05/14/19
KSZ9031RNX MICROCHIP-KSZ9031RNX Datasheet
854Kb / 78P
   Gigabit Ethernet Transceiver with RGMII Support
06/23/16
logo
Micrel Semiconductor
KSZ9031RNX MICREL-KSZ9031RNX Datasheet
973Kb / 75P
   Gigabit Ethernet Transceiver with RGMII Support
logo
Microchip Technology
KSZ9131RNX MICROCHIP-KSZ9131RNX Datasheet
3Mb / 154P
   Gigabit Ethernet Transceiver with RGMII Support
02/28/20
logo
Micrel Semiconductor
KSZ9021RN MICREL-KSZ9021RN Datasheet
124Kb / 2P
   Single-port Gigabit Transceiver with RGMII Support
logo
Microchip Technology
KSZ9131MNX MICROCHIP-KSZ9131MNX Datasheet
2Mb / 146P
   Gigabit Ethernet Transceiver with GMII/MII Support
02/28/20
logo
Micrel Semiconductor
KSZ9021GN MICREL-KSZ9021GN Datasheet
424Kb / 53P
   Gigabit Ethernet Transceiver with GMII / MII Support
logo
Microchip Technology
KSZ9031MNX MICROCHIP-KSZ9031MNX Datasheet
730Kb / 73P
   Gigabit Ethernet Transceiver with GMII/MII Support
06/23/16
logo
Micrel Semiconductor
KSZ9021GQ MICREL-KSZ9021GQ Datasheet
485Kb / 59P
   Gigabit Ethernet Transceiver with GMII / MII Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com