Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2238-S4YML Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2238-S4YML
Description  2.5MHz Dual Phase PWM Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2238-S4YML Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2238-S4YML Datasheet HTML 7Page - Micrel Semiconductor MIC2238-S4YML Datasheet HTML 8Page - Micrel Semiconductor MIC2238-S4YML Datasheet HTML 9Page - Micrel Semiconductor MIC2238-S4YML Datasheet HTML 10Page - Micrel Semiconductor MIC2238-S4YML Datasheet HTML 11Page - Micrel Semiconductor MIC2238-S4YML Datasheet HTML 12Page - Micrel Semiconductor MIC2238-S4YML Datasheet HTML 13Page - Micrel Semiconductor MIC2238-S4YML Datasheet HTML 14Page - Micrel Semiconductor MIC2238-S4YML Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Micrel, Inc.
MIC2238
April 2010
11
M9999-040810-A
Applications Information
Input Capacitor
A minimum 2.2µF ceramic is recommended on the VIN
pin for bypassing.
X5R or X7R dielectrics are
recommended for the input capacitor. Y5V dielectrics,
aside from losing most of their capacitance over
temperature, they also become resistive at high
frequencies. This reduces their ability to filter out high
frequency noise.
Output Capacitor
The MIC2238 was designed specifically for use with a
2.2µF or greater ceramic output capacitor. The output
capacitor requires either an X7R or X5R dielectric. Y5V
and
Z5U
dielectric
capacitors,
aside
from
the
undesirable effect of their wide variation in capacitance
over temperature, become resistive at high frequencies.
Inductor Selection
Inductor selection will be determined by the following
(not necessarily in the order of importance);
Inductance
Rated current value
Size requirements
DC resistance (DCR)
The MIC2238 was designed for use with a 1µH, 2.2µH,
or 4.7µH inductor. For a better load transient response,
a 1µH inductor is recommended. For better efficiency, a
4.7µH inductor is recommended.
Maximum current ratings of the inductor are generally
given in two methods; permissible DC current and
saturation current. Permissible DC current can be rated
either for a 40°C temperature rise or a 10% to 20% loss
in inductance. Ensure the inductor selected can handle
the maximum operating current. When saturation current
is specified, make sure that there is enough margin that
the peak current will not saturate the inductor.
The size requirements refer to the area and height
requirements that are necessary to fit a particular
design. Please refer to the inductor dimensions on their
datasheet.
DC resistance is also important. While DCR is inversely
proportional to size, DCR can represent a significant
efficiency loss. Refer to the Efficiency Considerations.
Compensation
The MIC2238 is an internally compensated, current
mode buck regulator. Current mode is achieved by
sampling the peak current and using the output of the
error amplifier to pulse width modulate the switch node
and maintain output voltage regulation.
The MIC2238 is designed to be stable with a 1µH, 2.2µH
or 4.7µH inductor with a 2.2µF ceramic (X5R) output
capacitor.
Feedback
The MIC2238 provides a feedback pin to adjust the
output voltage to the desired level. This pin connects
internally to an error amplifier. The error amplifier then
compares the voltage at the feedback to the internal
0.8V reference voltage and adjusts the output voltage to
maintain regulation.
Calculating the resistor divider
network for the desired output is as follows;
⎟⎟
⎜⎜
=
1
V
V
R1
R2
REF
OUT
Where VREF is 0.8V and VOUT is the desired output
voltage.
A 100KΩ from the output to the feedback is
recommended for R1. Larger resistor values require an
additional capacitor (feed- forward) from the output to
the feedback. The large high side resistor value and the
parasitic capacitance on the feedback pin (~10pF) can
cause an additional pole in the control loop. The
additional pole can create a phase loss at high
frequencies. This phase loss degrades transient
response by reducing phase margin. Adding feed-
forward capacitance negates the parasitic capacitive
effects of the feedback pin. Refer to Table 1 for
recommended feedforward capacitor values.
Recommended CFF
Total Feedback Resistance
22pF
1M - 2MΩ
47pF
500k -1MΩ
100pF
100k - 500kΩ
180pF
10k - 100kΩ
Table 1. Recommended Feed-Forward Capacitor
Large feedback resistor values increase impedance,
making the feedback node more susceptible to noise
pick-up. A feed-forward capacitor would also reduce
noise pick-up by providing a low impedance path to the
output.
Efficiency Considerations
Efficiency is defined as the amount of useful output
power, divided by the amount of power supplied.
100
I
V
I
V
_%
Efficiency
IN
IN
OUT
OUT
×
⎟⎟
⎜⎜
×
×
=
Maintaining high efficiency serves two purposes. It
reduces power dissipation in the power supply, reducing
the
need
for
heat
sinks
and
thermal
design
considerations and it reduces consumption of current for


Similar Part No. - MIC2238-S4YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2238-S4YML MICREL-MIC2238-S4YML Datasheet
1Mb / 16P
   2.5MHz Dual Phase PWM Buck Regulator
More results

Similar Description - MIC2238-S4YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238_10 Datasheet
1Mb / 16P
   2.5MHz Dual Phase PWM Buck Regulator
logo
Semtech Corporation
SC284AQ SEMTECH-SC284AQ Datasheet
1Mb / 23P
   Dual Channel 2.5MHz, 1.7A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8036 RENESAS-ISL8036 Datasheet
3Mb / 26P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8036 INTERSIL-ISL8036 Datasheet
2Mb / 25P
   Dual 3A 1MHz/2.5MHz High Efficiency Synchronous Buck Regulator
ISL78236ARZ INTERSIL-ISL78236ARZ Datasheet
1Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
April 28, 2014
logo
Renesas Technology Corp
ISL78236 RENESAS-ISL78236 Datasheet
2Mb / 24P
   Dual 3A Current Sharing 2.5MHz High Efficiency Synchronous Buck Regulator
logo
ON Semiconductor
FAN65004B ONSEMI-FAN65004B Datasheet
1Mb / 26P
   PWM Buck Regulator
December, 2017 ??Rev. 0
logo
Micrel Semiconductor
MIC23051 MICREL-MIC23051 Datasheet
797Kb / 13P
   4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling
logo
Intersil Corporation
ISL6560 INTERSIL-ISL6560 Datasheet
396Kb / 14P
   Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com