Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MY4IN-CR Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # MY4IN-CR
Description  Versatile and Function-filled Miniature Power Relay for Sequence Control and Power Switching Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY4IN-CR Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button MY4IN-CR Datasheet HTML 2Page - Omron Electronics LLC MY4IN-CR Datasheet HTML 3Page - Omron Electronics LLC MY4IN-CR Datasheet HTML 4Page - Omron Electronics LLC MY4IN-CR Datasheet HTML 5Page - Omron Electronics LLC MY4IN-CR Datasheet HTML 6Page - Omron Electronics LLC MY4IN-CR Datasheet HTML 7Page - Omron Electronics LLC MY4IN-CR Datasheet HTML 8Page - Omron Electronics LLC MY4IN-CR Datasheet HTML 9Page - Omron Electronics LLC MY4IN-CR Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
General-purpose Relay
MY New model
10000
5000
3000
1000
500
300
100
50
30
10
10000
5000
3000
1000
500
300
100
50
30
10
MY4Z (Resistive Loads)
MY4Z (Inductive Loads)
Switching Current (A)
250 VAC
30 VDC
250 VAC
30 VDC
250 VAC
250 VAC
30 VDC
30 VDC
Switching Current (A)


Similar Part No. - MY4IN-CR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MY4IN-CR OMRON-MY4IN-CR Datasheet
1Mb / 20P
   General-purpose Relay
More results

Similar Description - MY4IN-CR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PY08-02 OMRON-PY08-02 Datasheet
590Kb / 16P
   Versatile and Function-filled Miniature Power
logo
Toshiba Semiconductor
SF0R3G42 TOSHIBA-SF0R3G42 Datasheet
305Kb / 6P
   LOW POWER SWITCHING AND CONTROL APPLICATIONS
SFOR3G42 TOSHIBA-SFOR3G42 Datasheet
307Kb / 5P
   LOW POWER SWITCHING AND CONTROL APPLICATIONS
1966-12-02
RSF05G1-1P TOSHIBA-RSF05G1-1P Datasheet
311Kb / 6P
   LOW POWER SWITCHING AND CONTROL APPLICATIONS
USF05G49 TOSHIBA-USF05G49 Datasheet
351Kb / 6P
   LOW POWER SWITCHING AND CONTROL APPLICATIONS
logo
GE Solid State
BTA20 GESS-BTA20 Datasheet
238Kb / 5P
   6-A Silicon Triacs For Power-Control and Power-Switching Applications
logo
Omron Electronics LLC
G2A-434A-NAC115 OMRON-G2A-434A-NAC115 Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
G2A OMRON-G2A Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
CJ1G-CPU4XP OMRON-CJ1G-CPU4XP Datasheet
578Kb / 10P
    Integrated Loop Control and Sequence
logo
Boca Semiconductor Corp...
TIP120 BOCA-TIP120 Datasheet
28Kb / 2P
   Power Darlingtons for Linear and Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com