Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MY4ZIN-D2 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # MY4ZIN-D2
Description  Versatile and Function-filled Miniature Power Relay for Sequence Control and Power Switching Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY4ZIN-D2 Datasheet(HTML) 5 Page - Omron Electronics LLC

  MY4ZIN-D2 Datasheet HTML 1Page - Omron Electronics LLC MY4ZIN-D2 Datasheet HTML 2Page - Omron Electronics LLC MY4ZIN-D2 Datasheet HTML 3Page - Omron Electronics LLC MY4ZIN-D2 Datasheet HTML 4Page - Omron Electronics LLC MY4ZIN-D2 Datasheet HTML 5Page - Omron Electronics LLC MY4ZIN-D2 Datasheet HTML 6Page - Omron Electronics LLC MY4ZIN-D2 Datasheet HTML 7Page - Omron Electronics LLC MY4ZIN-D2 Datasheet HTML 8Page - Omron Electronics LLC MY4ZIN-D2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
General-purpose Relay
MY New model
5
Engineering Data
Maximum Switching Power
Endurance
MY2
MY4, MY4Z
AC resistive load
DC resistive load
AC resistive load
DC resistive load
Switching voltage (V)
Switching voltage (V)
AC inductive load
(cos
φ=0.4)
DC inductive load
(L/R=7 ms)
AC inductive load
(cos
φ=0.4)
DC inductive load
(L/R=7 ms)
10000
5000
3000
1000
500
300
100
50
30
10
10000
5000
3000
1000
500
300
100
50
30
10
MY2 (Resistive Loads)
MY2 (Inductive Loads)
Switching current (A)
250 VAC
30 VDC
30 VDC
250 VAC
Switching current (A)
30 VDC
250 VAC
250 VAC
30 VDC
10000
5000
3000
1000
500
300
100
50
30
10
10000
5000
3000
1000
500
300
100
50
30
10
MY4 (Resistive Loads)
MY4 (Inductive Loads)
Switching current (A)
250 VAC
30 VDC
30 VDC
250 VAC
Switching current (A)
30 VDC
250 VAC
250 VAC
30 VDC


Similar Part No. - MY4ZIN-D2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MY4ZIN-D2 OMRON-MY4ZIN-D2 Datasheet
1Mb / 20P
   General-purpose Relay
More results

Similar Description - MY4ZIN-D2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PY08-02 OMRON-PY08-02 Datasheet
590Kb / 16P
   Versatile and Function-filled Miniature Power
logo
Toshiba Semiconductor
SF0R3G42 TOSHIBA-SF0R3G42 Datasheet
305Kb / 6P
   LOW POWER SWITCHING AND CONTROL APPLICATIONS
SFOR3G42 TOSHIBA-SFOR3G42 Datasheet
307Kb / 5P
   LOW POWER SWITCHING AND CONTROL APPLICATIONS
1966-12-02
RSF05G1-1P TOSHIBA-RSF05G1-1P Datasheet
311Kb / 6P
   LOW POWER SWITCHING AND CONTROL APPLICATIONS
USF05G49 TOSHIBA-USF05G49 Datasheet
351Kb / 6P
   LOW POWER SWITCHING AND CONTROL APPLICATIONS
logo
GE Solid State
BTA20 GESS-BTA20 Datasheet
238Kb / 5P
   6-A Silicon Triacs For Power-Control and Power-Switching Applications
logo
Omron Electronics LLC
G2A-434A-NAC115 OMRON-G2A-434A-NAC115 Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
G2A OMRON-G2A Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
CJ1G-CPU4XP OMRON-CJ1G-CPU4XP Datasheet
578Kb / 10P
    Integrated Loop Control and Sequence
logo
Boca Semiconductor Corp...
TIP120 BOCA-TIP120 Datasheet
28Kb / 2P
   Power Darlingtons for Linear and Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com