Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XS2F-D422-GC0-A Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XS2F-D422-GC0-A
Description  Ideal for Detecting Transparent Glass and Plastic Containers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-D422-GC0-A Datasheet(HTML) 1 Page - Omron Electronics LLC

  XS2F-D422-GC0-A Datasheet HTML 1Page - Omron Electronics LLC XS2F-D422-GC0-A Datasheet HTML 2Page - Omron Electronics LLC XS2F-D422-GC0-A Datasheet HTML 3Page - Omron Electronics LLC XS2F-D422-GC0-A Datasheet HTML 4Page - Omron Electronics LLC XS2F-D422-GC0-A Datasheet HTML 5Page - Omron Electronics LLC XS2F-D422-GC0-A Datasheet HTML 6Page - Omron Electronics LLC XS2F-D422-GC0-A Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
CSM_E3S-CR62_67_DS_E_3_1
Transparent Bottle Sensor
E3S-CR62/67
Ideal for Detecting Transparent Glass
and Plastic Containers
• Reliably detects narrow 5-mm gaps between bottles
(When using the E39-R6).
• Significantly higher S/N ratio makes detection more reliable for
various transparent containers.
Be sure to read Safety Precautions on
page 5.
Ordering Information
Sensors (Refer to Dimensions on page 6.)
* Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
Accessories (Order Separately)
Reflectors (Refer to Dimensions on E39-L/F39-L/E39-S/E39-R.)
* Values in parentheses indicate the minimum required distance between the Sensor and Reflector.
Mounting Brackets (Refer to Dimensions on E39-L/F39-L/E39-S/E39-R.)
Note: Refer to Mounting Brackets on E39-L/F39-L/E39-S/E39-R for details.
Sensing method
Appearance
Connection method
Sensing distance
Model
Reflector E39-R6
Reflector E39-R1
Retro-reflective
Pre-wired (2M)
*
E3S-CR62 2M
Standard M12 Connector
E3S-CR67
Name
Sensing distance
Model
Quantity
Remarks
Reflectors
250 mm
E39-R6
1
Supplied with the product.
1 m [250 mm] *
E39-R1
1---
Appearance
Model
Quantity
Remarks
E39-L103
1
Supplied with the product.
E39-L87
1---
Red light
250 mm
1 m
[250 mm]


Similar Part No. - XS2F-D422-GC0-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D422-GC0-A OMRON-XS2F-D422-GC0-A Datasheet
1Mb / 13P
   Line of Long-distance Photoelectric Sensors for Large Workpieces Includes Retroreflective Models with Sensing Distance of 10 m and Distance Settings Up to 2 m.
XS2F-D422-GC0-A OMRON-XS2F-D422-GC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D422-GC0-A OMRON-XS2F-D422-GC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D422-GC0-A OMRON-XS2F-D422-GC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D422-GC0-A OMRON-XS2F-D422-GC0-A Datasheet
557Kb / 11P
   Transparent Object Detection Sensor
More results

Similar Description - XS2F-D422-GC0-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-RS30B42-30 OMRON-E3S-RS30B42-30 Datasheet
841Kb / 11P
   Ideal for Detecting Glass Wafers and Other Transparent Objects
E3SR31 OMRON-E3SR31 Datasheet
701Kb / 11P
   Ideal for Detecting Glass Wafers and Other Transparent Objects
EE-SPX613 OMRON-EE-SPX613 Datasheet
110Kb / 5P
   An Ideal Photomicrosensor for Detecting Liquid Levels in Transparent Pipes
logo
List of Unclassifed Man...
37525 ETC2-37525 Datasheet
127Kb / 2P
   STORAGE CONTAINERS
logo
Kingbright Corporation
APHBM2012LVBDZGKC KINGBRIGHT-APHBM2012LVBDZGKC Datasheet
316Kb / 6P
   Ideal for backlight and indicator
APB3025SYKQWDF-AMT KINGBRIGHT-APB3025SYKQWDF-AMT Datasheet
377Kb / 9P
   Ideal for backlight and indicator
APGA1602SEC KINGBRIGHT-APGA1602SEC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
APGA1602SYC KINGBRIGHT-APGA1602SYC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
logo
List of Unclassifed Man...
39111 ETC2-39111 Datasheet
46Kb / 1P
   Plastek Storage Containers
logo
Kingbright Corporation
APTB1612CGKQWDF-AMT KINGBRIGHT-APTB1612CGKQWDF-AMT Datasheet
373Kb / 9P
   Ideal for backlight and indicator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com