Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PY11QN Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # PY11QN
Description  General-purpose Relays and Power Relays Sockets
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PY11QN Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button PY11QN Datasheet HTML 7Page - Omron Electronics LLC PY11QN Datasheet HTML 8Page - Omron Electronics LLC PY11QN Datasheet HTML 9Page - Omron Electronics LLC PY11QN Datasheet HTML 10Page - Omron Electronics LLC PY11QN Datasheet HTML 11Page - Omron Electronics LLC PY11QN Datasheet HTML 12Page - Omron Electronics LLC PY11QN Datasheet HTML 13Page - Omron Electronics LLC PY11QN Datasheet HTML 14Page - Omron Electronics LLC PY11QN Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
248
General-purpose Relays and Power Relays
Sockets
■ P2R
Note: When indicator modules with an I/O SSR are used, the No. 1 pin becomes positive.
Dimensions
Terminal
arrangement/
Internal connections
(bottom view)
Mounting holes (bottom view)
14.5 max.
35.5 max.
36.5 max.
P2R-05P (One pole)
Five, 1.6-dia. holes
14.5 max.
35.5 max.
36.5 max.
P2R-08P (Two poles)
Eight, 1.3-dia. holes
P2R-057P (One pole)
14 max.
37 max.
41 max.
Five, 1.6-dia. holes
P2R-087P (Two poles)
37 max.
14 max.
41 max.
Eight, 1.3-dia. holes


Similar Part No. - PY11QN

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PY1101F STANLEY-PY1101F Datasheet
367Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
PY1101F STANLEY-PY1101F Datasheet
410Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
PY1101F STANLEY-PY1101F Datasheet
410Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
PY1101W STANLEY-PY1101W Datasheet
162Kb / 2P
   1101W Series Standard Type Flat Lens SMT LED
PY1101W STANLEY-PY1101W Datasheet
724Kb / 21P
   Single Color 3216 Type
More results

Similar Description - PY11QN

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
R10-E1Y4-V700 MACOM-R10-E1Y4-V700 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
2-1393115-1 MACOM-2-1393115-1 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
2-1393115-6 MACOM-2-1393115-6 Datasheet
599Kb / 3P
   General Purpose Relays Industrial Relays
2-1393117-3 MACOM-2-1393117-3 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
2-1393117-4 MACOM-2-1393117-4 Datasheet
1Mb / 5P
   General Purpose Relays Industrial Relays
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
   General Purpose Relays PCB Relays
2-1393115-2 MACOM-2-1393115-2 Datasheet
617Kb / 3P
   General Purpose Relays Industrial Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com