Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5LE-14-ASI Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G5LE-14-ASI
Description  A Cubic, Single-pole 10-A Power Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LE-14-ASI Datasheet(HTML) 1 Page - Omron Electronics LLC

  G5LE-14-ASI Datasheet HTML 1Page - Omron Electronics LLC G5LE-14-ASI Datasheet HTML 2Page - Omron Electronics LLC G5LE-14-ASI Datasheet HTML 3Page - Omron Electronics LLC G5LE-14-ASI Datasheet HTML 4Page - Omron Electronics LLC G5LE-14-ASI Datasheet HTML 5Page - Omron Electronics LLC G5LE-14-ASI Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PCB Relay
G5LE
191
PCB Relay
G5LE
A Cubic, Single-pole 10-A Power Relay
• High Capacity (-E) and 0.8mm Contact Gap (-G) versions
• Subminiature “sugar cube” relay with universal footprint.
• Conforms to EN 61810-1. UL recognized/ CSA certified.
• UL class-F coil insulation model available
(UL class-B coil insulation for standard model).
• Withstands impulse of up to 4,500 V.
• 400-mW and 360-mW coil power types available.
• RoHS Compliant
RC
VDE
X
Ordering Information
Model Number Legend
1. Number of Poles
1:
1 pole
2. Contact Form
None: SPDT
A:
SPST-NO
3. Enclosure Ratings
None: Flux protection
4:
Fully sealed
(Not applicable with -E and -G versions)
4. Contact Material
None: AgSnO
2 (AgSnIn for -E and -G versions)
ASI:
AgSnIn
5. Insulation System
None: Class B (Class F for -E and -G versions)
CF:
Class F (UL and CSA only)
6. Classification
G:
0.8mm contact gap type
E:
High capacity type
7. Coil Power Consumption/Coil Characteristic
None: Approx. 400 mW (Approx. 700mW for -G versions)
36:
Approx. 360 mW (Not applicable for -G versions)
8. Approved Standards
None: UL, CSA, and VDE
9. Packaging
None: Standard polystyrene tray
SP:
Anti-static tube packaging
10.Rated Coil Voltage
5, 9, 12, 24, 48 VDC
Enclosure ratings
Contact form/Style
Contact material
AgSnO
2
AgSnIn
Standard
Standard
High Capacity
0.8mm Contact Gap
Flux protection
SPDT
G5LE-1
G5LE-1-CF
G5LE-1-ASI
G5LE-1-ASI-CF
G5LE-1-E
G5LE-1-G
SPST-NO
G5LE-1A
G5LE-1A-CF
G5LE-1A-ASI
G5LE-1A-ASI-CF
G5LE-1A-E
G5LE-1A-G
Fully sealed
SPDT
G5LE-14
G5LE-14-CF
G5LE-14-ASI
G5LE-14-ASI-CF
---
---
SPST-NO
G5LE-1A4
G5LE-1A4-CF
G5LE-1A4-ASI
G5LE-1A4-ASI-CF
---
---
Rated coil voltage
Note: When ordering, add the rated coil voltage to the model number.
Example: G5LE-1 DC12


Similar Part No. - G5LE-14-ASI

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LE-14-ASI OMRON-G5LE-14-ASI Datasheet
116Kb / 5P
   PCB Relay
G5LE-14-ASI OMRON-G5LE-14-ASI Datasheet
154Kb / 5P
   ACUBIC, SINGLE-POLE 10-A POWER RELAY
G5LE-14-ASI OMRON-G5LE-14-ASI Datasheet
828Kb / 8P
   PCB Relay
G5LE-14-ASI OMRON-G5LE-14-ASI Datasheet
96Kb / 3P
   PCB Relay
G5LE-14-ASI-CF OMRON-G5LE-14-ASI-CF Datasheet
828Kb / 8P
   PCB Relay
More results

Similar Description - G5LE-14-ASI

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LE14DC12 OMRON-G5LE14DC12 Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
logo
List of Unclassifed Man...
G5LA1ECF12DC ETC2-G5LA1ECF12DC Datasheet
176Kb / 5P
   A Cubic, Single-pole 10A Power Relay
logo
Omron Electronics LLC
G5LA14CFDC24 OMRON-G5LA14CFDC24 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LA14DC12 OMRON-G5LA14DC12 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA-1-DC5 OMRON-G5LA-1-DC5 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA1A4DC12 OMRON-G5LA1A4DC12 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LA-14-DC24 OMRON-G5LA-14-DC24 Datasheet
269Kb / 6P
   A Cubic, Single-pole 10A Power Relay
G5LA1A4DC12 OMRON-G5LA1A4DC12 Datasheet
555Kb / 5P
   A Cubic, Single-pole 10A Power Relay
G5LE OMRON-G5LE_V01 Datasheet
137Kb / 4P
   Cubic, Single-pole 10A Power Relay
G5LE OMRON-G5LE_97 Datasheet
154Kb / 5P
   ACUBIC, SINGLE-POLE 10-A POWER RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com