Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6KU-2G-Y Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G6KU-2G-Y
Description  Low Signal Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6KU-2G-Y Datasheet(HTML) 4 Page - Omron Electronics LLC

  G6KU-2G-Y Datasheet HTML 1Page - Omron Electronics LLC G6KU-2G-Y Datasheet HTML 2Page - Omron Electronics LLC G6KU-2G-Y Datasheet HTML 3Page - Omron Electronics LLC G6KU-2G-Y Datasheet HTML 4Page - Omron Electronics LLC G6KU-2G-Y Datasheet HTML 5Page - Omron Electronics LLC G6KU-2G-Y Datasheet HTML 6Page - Omron Electronics LLC G6KU-2G-Y Datasheet HTML 7Page - Omron Electronics LLC G6KU-2G-Y Datasheet HTML 8Page - Omron Electronics LLC G6KU-2G-Y Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
56
Low Signal Relay
G6K
Note: 1. The tests were conducted at an ambient temperature of 23
° C.
2. High-frequency characteristics depend on the PCB to which the Relay is mounted. Always check these characteristics including
endurance in the actual machine before use.
Sample
Not energized
Sample
Energized
Must operate voltage
Must release voltage
Initial stage
Test
Average value
Initial stage
Test
Average value
Sample
Not energized
Sample
Energized
Initial stage
Test
Average value
Initial stage
Test
Average value
Must operate voltage
Must release voltage
Contact Reliability Test (See note.)
G6K-2G (F/P), G6K-2G (F/P)-Y
Operating frequency (x10 operations)
Note 1:
The test was conducted at an ambient temperature of 23
°C.
Sample: G6K-2G
Number of Relays: 10
Test conditions: 10 mA resistive load at
10 mVDC with an operation rate of 50 %
Switching frequency: 7,200 operations/h
NO
contact
NC
contact
External Magnetic Interference
G6K-2G (F/P), G6K-2G (F/P)-Y
(Average value)
Sample: G6K-2G
Number of Relays: 10
Must operate voltage
Must release voltage
External magnetic field (A/m)
(Average value)
Sample: G6K-2G
Number of Relays: 10
Must operate voltage
Must release voltage
External magnetic field (A/m)
(Average value)
Sample: G6K-2G
Number of Relays: 10
External magnetic field (A/m)
High-frequency Characteristics
(Isolation)
G6K-2G (F/P), G6K-2G (F/P)-Y
(Average value)
(Average value)
(Average value)
Frequency (MHz)
Frequency (MHz)
High-frequency Characteristics
(Insertion Loss)
G6K-2G (F/P), G6K-2G (F/P)-Y
High-frequency Characteristics
(Return Loss)
G6K-2G (F/P),G6K-2G (F/P)-Y
Mutual Magnetic Interference
G6K-2G (F/P), G6K-2G (F/P)-Y
Mutual Magnetic Interference
G6K-2G (F/P), G6K-2G (F/P)-Y
Must operate voltage
Must release voltage
Frequency (MHz)
3
2:
The contact resistance data are periodically measured reference values and are not values from each monitoring operation.
Contact resistance values will vary according to the switching frequency and operating environment, so be sure to check
operation under the actual operating conditions before use.
Sample: G6K-2G
Number of Relays: 10
0
0.1
0.2
0.3
0.4
0.5
1
10
100
Sample: G6K-2G
Number of Relays: 10
1
10
100
Sample: G6K-2G
Number of Relays: 10
Return loss
V.SWR
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
1.4
1.35
1.3
1.25
1.2
1.15
1.1
1.05
1
1
10
100


Similar Part No. - G6KU-2G-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6KU-2G-Y OMRON-G6KU-2G-Y Datasheet
308Kb / 10P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area and a Height of Only 5.2 mm
G6KU-2G-Y OMRON-G6KU-2G-Y Datasheet
1Mb / 12P
   Low Signal Relay
G6KU-2G-Y OMRON-G6KU-2G-Y Datasheet
1Mb / 10P
   Low Signal Relay
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
More results

Similar Description - G6KU-2G-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Y-1 OMRON-G5Y-1 Datasheet
171Kb / 8P
   Low Signal Relay
G6E OMRON-G6E Datasheet
541Kb / 8P
   Low Signal Relay
G6K-2G-Y-DC45 OMRON-G6K-2G-Y-DC45 Datasheet
1Mb / 11P
   Low Signal Relay
G5V-1-DC5 OMRON-G5V-1-DC5 Datasheet
415Kb / 6P
   Low Signal Relay
G5V-2 OMRON-G5V-2 Datasheet
421Kb / 6P
   Low Signal Relay
G6S-2-DC45 OMRON-G6S-2-DC45 Datasheet
749Kb / 12P
   Low Signal Relay
G5A-237P-DC12 OMRON-G5A-237P-DC12 Datasheet
225Kb / 8P
   Low Signal Relay
G6S OMRON-G6S_10 Datasheet
781Kb / 12P
   Low Signal Relay
G5A OMRON-G5A Datasheet
348Kb / 8P
   Low Signal Relay
G6H OMRON-G6H_1 Datasheet
526Kb / 10P
   Low Signal Relay
G6K OMRON-G6K_1 Datasheet
1Mb / 12P
   Low Signal Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com