Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF185 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MRF185
Description  LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF185 Datasheet(HTML) 1 Page - Motorola, Inc

  MRF185 Datasheet HTML 1Page - Motorola, Inc MRF185 Datasheet HTML 2Page - Motorola, Inc MRF185 Datasheet HTML 3Page - Motorola, Inc MRF185 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MRF185
MOTOROLA RF DEVICE DATA
Advance Information
The RF MOSFET Line
RF POWER
Field-Effect Transistor
N–Channel Enhancement–Mode Lateral MOSFET
• High Gain, Rugged Device
• Broadband Performance from HF to 1 GHz
• Bottom Side Source Eliminates DC Isolators, Reducing Common
Mode Inductances
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
65
Vdc
Gate–Source Voltage
VGS
±20
Vdc
Storage Temperature Range
Tstg
– 65 to +150
°C
Operating Junction Temperature
TJ
200
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
250
1.45
Watts
W/
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.7
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0 V, ID = 1 mAdc)
V(BR)DSS
65
Vdc
Zero Gate Voltage Drain Current
(VDS = 28 V, VGS = 0 V)
IDSS
1
µAdc
Gate–Source Leakage Current
(VGS = 20 V, VDS = 0 V)
IGSS
1
µAdc
NOTE – CAUTION – MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
Order this document
by MRF185/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MRF185
85 WATTS, 1.0 GHz
28 VOLTS
LATERAL N–CHANNEL
BROADBAND
RF POWER MOSFET
CASE 375B–02, STYLE 2
© Motorola, Inc. 1997
D
G
S
(FLANGE)
D
G
REV 1


Similar Part No. - MRF185

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF185 MOTOROLA-MRF185 Datasheet
529Kb / 4P
   N-Channel Enhancement-Mode Lateral MOSFET
logo
Advanced Semiconductor
MRF185 ASI-MRF185 Datasheet
37Kb / 1P
   RF POWER MOSFET
logo
Motorola, Inc
MRF185 MOTOROLA-MRF185_02 Datasheet
529Kb / 4P
   N-Channel Enhancement-Mode Lateral MOSFET
More results

Similar Description - MRF185

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF3010 MOTOROLA-MRF3010 Datasheet
106Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF184 MOTOROLA-MRF184 Datasheet
194Kb / 9P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF282 MOTOROLA-MRF282 Datasheet
142Kb / 11P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF182 MOTOROLA-MRF182 Datasheet
133Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF1507 MOTOROLA-MRF1507 Datasheet
206Kb / 12P
   LATERAL NCHANNEL BROADBAND RF POWER MOSFET
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com