Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XS2F-D421-GC0-A Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # XS2F-D421-GC0-A
Description  Line of Long-distance Photoelectric Sensors for Large Workpieces Includes Retroreflective Models with Sensing Distance of 10 m and Distance Settings Up to 2 m.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-D421-GC0-A Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button XS2F-D421-GC0-A Datasheet HTML 3Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 4Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 5Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 6Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 7Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 8Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 9Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 10Page - Omron Electronics LLC XS2F-D421-GC0-A Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
E3G
7
Nomenclature
Retro-reflective
E3G-R13 (Pre-wired Model)
E3G-R17 (Standard Connector Model)
E3G-MR19 (Terminal Block Model)
E3G-MR19T (Terminal Block Model with Timer)
Distance-setting
E3G-L73 (Pre-wired Model)
E3G-L77 (Standard Connector Model)
E3G-ML79 (Terminal Block Model)
E3G-ML79T (Terminal Block Model with Timer)
Stability indicator
(Green)
Sensitivity adjuster
Operation indicator
(Orange)
Output selector
Operation selector
Sensitivity adjuster
ON-delay adjuster
OFF-delay adjuster
Operation indicator
(Orange)
Stability indicator (Green)
Operation selector
*
*
* The ON- or OFF-delay
adjuster is not available
with the E3G-MR19.
Stability indicator (Green)
Teaching indicator
(Red and green)
Operation indicator
(Orange)
Mode selector:
TEACH, RUN (D-ON),
RUN (L-ON)
TEACH button
NORMAL/ZONE
selector
Output selector
Operation indicator
(Orange)
Stability indicator (Green)
Teaching indicator
(Red and green)
Mode selector
Operation selector
NORMAL/ZONE selector
TEACH button
ON-delay adjuster
OFF-delay adjuster
*
*
* The ON- or OFF-delay
adjuster is not available
with the E3G-MR79.


Similar Part No. - XS2F-D421-GC0-A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
349Kb / 7P
   Ideal for Detecting Transparent Glass and Plastic Containers
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
909Kb / 12P
   Long-distance Photoelectric Sensor with Built-in Amplifier
XS2F-D421-GC0-A OMRON-XS2F-D421-GC0-A Datasheet
557Kb / 11P
   Transparent Object Detection Sensor
More results

Similar Description - XS2F-D421-GC0-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRD18-7DN ETC2-PRD18-7DN Datasheet
188Kb / 5P
   Long sensing distance proximity sensor
logo
SICK AG
DL100-22AA2102 SICK-DL100-22AA2102 Datasheet
1Mb / 8P
   LONG RANGE DISTANCE SENSORS
DME4000-119 SICK-DME4000-119 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DME4000-314 SICK-DME4000-314 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME4000-327 SICK-DME4000-327 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-123 SICK-DME5000-123 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DME5000-212 SICK-DME5000-212 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-11AA2110 SICK-DL100-11AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2101 SICK-DL100-12AA2101 Datasheet
1Mb / 6P
   LONG RANGE DISTANCE SENSORS
DL100-12AA2110 SICK-DL100-12AA2110 Datasheet
1Mb / 7P
   LONG RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com