Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQU2N60CTU Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FQU2N60CTU
Description  Low Gate Charge (Typ. 8.5 nC)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU2N60CTU Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQU2N60CTU Datasheet HTML 1Page - Fairchild Semiconductor FQU2N60CTU Datasheet HTML 2Page - Fairchild Semiconductor FQU2N60CTU Datasheet HTML 3Page - Fairchild Semiconductor FQU2N60CTU Datasheet HTML 4Page - Fairchild Semiconductor FQU2N60CTU Datasheet HTML 5Page - Fairchild Semiconductor FQU2N60CTU Datasheet HTML 6Page - Fairchild Semiconductor FQU2N60CTU Datasheet HTML 7Page - Fairchild Semiconductor FQU2N60CTU Datasheet HTML 8Page - Fairchild Semiconductor FQU2N60CTU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
Charge
VGS
10V
Qg
Qgs
Qgd
3mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
Charge
VGS
10V
Qg
Qgs
Qgd
3mA
VGS
DUT
VDS
300nF
50KΩ
200nF
12V
Same Type
as DUT
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
VDS
RL
DUT
RG
VGS
VGS
VDS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
10V
VDS
RL
DUT
RG
VGS
EAS =L IAS2
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
L
I D
t
p
EAS =L IAS2
----
2
1
EAS =L IAS2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
10V
DUT
RG
LL
I D
I D
t
p
www.fairchildsemi.com
©200
9 Fairchild Semiconductor Corporation
FQD2N60C / FQU2N60C Rev.
C0


Similar Part No. - FQU2N60CTU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FQU2N60CTU ONSEMI-FQU2N60CTU Datasheet
979Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 1.9 A, 4.7 廓
October-2017,Rev.2
More results

Similar Description - FQU2N60CTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCH22N60N FAIRCHILD-FCH22N60N Datasheet
340Kb / 8P
   Ultra Low Gate Charge (Typ. Qg = 45 nC), Low Effective Output Capacitance (Typ. Coss.eff = 196.4 pF)
logo
Kersemi Electronic Co.,...
IRF840B KERSEMI-IRF840B Datasheet
1Mb / 9P
   Low gate charge ( typical 41 nC)
logo
Advanced Power Electron...
AP9T18GH A-POWER-AP9T18GH_14 Datasheet
218Kb / 6P
   Low Gate Charge
AP9T15GHJ-HF A-POWER-AP9T15GHJ-HF_14 Datasheet
103Kb / 4P
   Low Gate Charge
AP9T16GJ A-POWER-AP9T16GJ_14 Datasheet
268Kb / 6P
   Low Gate Charge
logo
JILIN SINO-MICROELECTRO...
JCS12N65FC JSMC-JCS12N65FC Datasheet
548Kb / 8P
   Low gate charge
logo
Kersemi Electronic Co.,...
KSMD540 KERSEMI-KSMD540 Datasheet
658Kb / 4P
   Low gate charge.
KSMD3303 KERSEMI-KSMD3303 Datasheet
620Kb / 4P
   Low gate charge.
KSMF5N60 KERSEMI-KSMF5N60 Datasheet
670Kb / 4P
   Low gate charge.
KSMF6N65 KERSEMI-KSMF6N65 Datasheet
707Kb / 4P
   Low gate charge.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com