Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B64290L0638X035 Datasheet(PDF) 2 Page - EPCOS

Part # B64290L0638X035
Description  Ferrites and accessories
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B64290L0638X035 Datasheet(HTML) 2 Page - EPCOS

  B64290L0638X035 Datasheet HTML 1Page - EPCOS B64290L0638X035 Datasheet HTML 2Page - EPCOS B64290L0638X035 Datasheet HTML 3Page - EPCOS B64290L0638X035 Datasheet HTML 4Page - EPCOS B64290L0638X035 Datasheet HTML 5Page - EPCOS B64290L0638X035 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
09/06
Please read Cautions and warnings and
Important notes at the end of this document.
Epoxy coating
R 22.1
× 13.7 × 6.35 (mm)
R 0.870
× 0.539 × 0.250 (inch)
Dimensions
Characteristics and ordering codes
Epoxy coating
R 22.1
× 13.7 × 7.90 (mm)
R 0.870
× 0.539 × 0.311 (inch)
Dimensions
Characteristics and ordering codes
1) On request
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
22.1
±0.4
13.7
±0.3
6.35
±0.3
0.870
±0.016 0.539 ±0.012 0.250 ±0.012 uncoated1)
23.3 max.
12.6 min.
7.4 max.
0.917 max.
0.496 min.
0.291 max.
coated
Mate-
rial
AL value
nH
µ
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
Σl/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
1340
±25%
2200
B64290L0638X087
2.07
54.15
26.17
1417
6.8
N30
2610
±25%
4300
B64290L0638X830
T65
3160
±30%
5200
B64290L0638X065
T35
3200
±25%
5300
B64290L0638X035
T37
3950
±25%
6500
B64290L0638X037
T38
6070
±30% 10000
B64290L0638X038
da (mm)
di (mm)
Height (mm) da (inch)
di (inch)
Height (inch)
22.1
±0.4
13.7
±0.3
7.90
±0.3
0.870
±0.016 0.539 ±0.012 0.311 ±0.012 uncoated1)
23.3 max.
12.6 min.
9.0 max.
0.917 max.
0.496 min.
0.354 max.
coated
Mate-
rial
AL value
nH
µ
i
(approx.)
Ordering code
Magnetic characteristics
Approx.
weight
g
Σl/A
mm –1
le
mm
Ae
mm2
Ve
mm3
N87
1660
±25%
2200
B64290L0719X087
1.66
54.15
32.55
1763
8.4
N30
3250
±25%
4300
B64290L0719X830
T65
3930
±30%
5200
B64290L0719X065
T35
4000
±25%
5300
B64290L0719X035
T37
4900
±25%
6500
B64290L0719X037
T38
7570
±30% 10000
B64290L0719X038
B64290L0638
B64290L0719
R 22.1
× 13.7 × 7.90
R 22.1
× 13.7 × 6.35


Similar Part No. - B64290L0638X035

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B64290L0638X035 TDK-B64290L0638X035 Datasheet
156Kb / 7P
   Ferrites and accessories
More results

Similar Description - B64290L0638X035

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com