Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1370D-200AXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1370D-200AXI
Description  18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1370D-200AXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1370D-200AXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1370D-200AXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1370D-200AXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1370D-200AXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1370D-200AXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1370D-200AXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1370D-200AXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1370D-200AXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1370D-200AXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
CY7C1370D, CY7C1372D
Document Number: 38-05555 Rev. *N
Page 7 of 31
Functional Overview
The CY7C1370D and CY7C1372D are synchronous-pipelined
burst NoBL SRAMs designed specifically to eliminate wait states
during write/read transitions. All synchronous inputs pass
through input registers controlled by the rising edge of the clock.
The clock signal is qualified with the clock enable input signal
(CEN). If CEN is HIGH, the clock signal is not recognized and all
internal states are maintained. All synchronous operations are
qualified with CEN. All data outputs pass through output registers
controlled by the rising edge of the clock. Maximum access delay
from the clock rise (tCO) is 2.6 ns (250-MHz device).
Accesses can be initiated by asserting all three chip enables
(CE1, CE2, CE3) active at the rising edge of the clock. If clock
enable (CEN) is active LOW and ADV/LD is asserted LOW, the
address presented to the device will be latched. The access can
either be a read or write operation, depending on the status of
the write enable (WE). BWX can be used to conduct byte write
operations.
Write operations are qualified by the write enable (WE). All writes
are simplified with on-chip synchronous self-timed write circuitry.
Three synchronous chip enables (CE1, CE2, CE3) and an
asynchronous output enable (OE) simplify depth expansion. All
operations (reads, writes, and deselects) are pipelined. ADV/LD
should be driven LOW once the device has been deselected in
order to load a new address for the next operation.
Single Read Accesses
A read access is initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are all asserted active, (3) the write enable input signal
WE is deasserted HIGH, and (4) ADV/LD is asserted LOW. The
address presented to the address inputs is latched into the
address register and presented to the memory core and control
logic. The control logic determines that a read access is in
progress and allows the requested data to propagate to the input
of the output register. At the rising edge of the next clock the
requested data is allowed to propagate through the output
register and onto the data bus within 2.6 ns (250-MHz device)
provided OE is active LOW. After the first clock of the read
access the output buffers are controlled by OE and the internal
control logic. OE must be driven LOW in order for the device to
drive out the requested data. During the second clock, a
subsequent operation (read/write/deselect) can be initiated.
Deselecting the device is also pipelined. Therefore, when the
SRAM is deselected at clock rise by one of the chip enable
signals, its output will tristate following the next clock rise.
Burst Read Accesses
The CY7C1370D and CY7C1372D have an on-chip burst
counter that allows the user the ability to supply a single address
and conduct up to four reads without reasserting the address
inputs. ADV/LD must be driven LOW in order to load a new
address into the SRAM, as described in the Single Read
Accesses section above. The sequence of the burst counter is
determined by the MODE input signal. A LOW input on MODE
selects a linear burst mode, a HIGH selects an interleaved burst
sequence. Both burst counters use A0 and A1 in the burst
sequence, and will wrap-around when incremented sufficiently.
A HIGH input on ADV/LD will increment the internal burst counter
regardless of the state of chip enables inputs or WE. WE is
latched at the beginning of a burst cycle. Therefore, the type of
access (read or write) is maintained throughout the burst
sequence.
Single Write Accesses
Write access are initiated when the following conditions are
satisfied at clock rise: (1) CEN is asserted LOW, (2) CE1, CE2,
and CE3 are all asserted active, and (3) the write signal WE is
asserted LOW. The address presented is loaded into the
address register. The write signals are latched into the control
logic block.
On the subsequent clock rise the data lines are automatically
tristated regardless of the state of the OE input signal. This
allows the external logic to present the data on DQ and DQP
(DQa,b,c,d/DQPa,b,c,d for CY7C1370D and DQa,b/DQPa,b for
CY7C1372D). In addition, the address for the subsequent
access (read/write/deselect) is latched into the address register
(provided the appropriate control signals are asserted).
On the next clock rise the data presented to DQ and DQP
(DQa,b,c,d/DQPa,b,c,d for CY7C1370D & DQa,b/DQPa,b for
CY7C1372D) (or a subset for byte write operations, see Write
Cycle Description table for details) inputs is latched into the
device and the write is complete.
VDD
Power supply Power supply inputs to the core of the device.
VDDQ
I/O power
supply
Power supply for the I/O circuitry.
VSS
Ground
Ground for the device. Should be connected to ground of the system.
NC
No connects. This pin is not connected to the die.
NC/(36M,7
2M, 144M,
288M,
576M, 1G)
These pins are not connected. They will be used for expansion to the 36M, 72M, 144M, 288M, 576M
and 1G densities.
ZZ
Input-
asynchronous
ZZ “sleep” input. This active HIGH input places the device in a non-time critical “sleep” condition with
data integrity preserved. During normal operation, this pin can be connected to VSS or left floating. ZZ
pin has an internal pull down.
Pin Definitions (continued)
Pin Name
I/O Type
Pin Description


Similar Part No. - CY7C1370D-200AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370D-200AXI CYPRESS-CY7C1370D-200AXI Datasheet
344Kb / 30P
   18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture
CY7C1370D-200AXI CYPRESS-CY7C1370D-200AXI Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D-200AXI CYPRESS-CY7C1370D-200AXI Datasheet
1Mb / 33P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1370D-200AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370DV25 CYPRESS-CY7C1370DV25_12 Datasheet
774Kb / 30P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1380D CYPRESS-CY7C1380D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380DV33 CYPRESS-CY7C1380DV33 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1354CV25 CYPRESS-CY7C1354CV25_12 Datasheet
835Kb / 33P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_11 Datasheet
1Mb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_12 Datasheet
1Mb / 37P
   18-Mbit (512 K 횞 36/1 M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1380S CYPRESS-CY7C1380S Datasheet
1Mb / 31P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33_12 Datasheet
1,000Kb / 31P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com