Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1370D-200AXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1370D-200AXC
Description  18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1370D-200AXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1370D-200AXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1370D-200AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1370D-200AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1370D-200AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1370D-200AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1370D-200AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1370D-200AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1370D-200AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1370D-200AXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
CY7C1370D, CY7C1372D
Document Number: 38-05555 Rev. *N
Page 8 of 31
The data written during the write operation is controlled by BW
(BWa,b,c,d for CY7C1370D and BWa,b for CY7C1372D) signals.
The CY7C1370D/CY7C1372D provides byte write capability that
is described in the Write Cycle Description table. Asserting the
write enable input (WE) with the selected byte write select (BW)
input will selectively write to only the desired bytes. Bytes not
selected during a byte write operation will remain unaltered. A
synchronous self-timed write mechanism has been provided to
simplify the write operations. Byte write capability has been
included in order to greatly simplify read/modify/write
sequences, which can be reduced to simple byte write
operations.
Because the CY7C1370D and CY7C1372D are common I/O
devices, data should not be driven into the device while the
outputs are active. The output enable (OE) can be deasserted
HIGH before presenting data to the DQ and DQP
(DQa,b,c,d/DQPa,b,c,d for CY7C1370D and DQa,b/DQPa,b for
CY7C1372D) inputs. Doing so will tri-state the output drivers. As
a safety precaution, DQ and DQP (DQa,b,c,d/DQPa,b,c,d for
CY7C1370D
and
DQa,b/DQPa,b for CY7C1372D) are
automatically tristated during the data portion of a write cycle,
regardless of the state of OE.
Burst Write Accesses
The CY7C1370D/CY7C1372D has an on-chip burst counter that
allows the user the ability to supply a single address and conduct
up to four write operations without reasserting the address
inputs. ADV/LD must be driven LOW in order to load the initial
address, as described in the Single Write Accesses section
above. When ADV/LD is driven HIGH on the subsequent clock
rise, the chip enables (CE1, CE2, and CE3) and WE inputs are
ignored and the burst counter is incremented. The correct BW
(BWa,b,c,d for CY7C1370D and BWa,b for CY7C1372D) inputs
must be driven in each cycle of the burst write in order to write
the correct bytes of data.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ places
the SRAM in a power conservation “sleep” mode. Two clock
cycles are required to enter into or exit from this “sleep” mode.
While in this mode, data integrity is guaranteed. Accesses
pending when entering the “sleep” mode are not considered valid
nor is the completion of the operation guaranteed. The device
must be deselected prior to entering the “sleep” mode. CE1, CE2,
and CE3, must remain inactive for the duration of tZZREC after the
ZZ input returns LOW.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1:A0
Second
Address
A1:A0
Third
Address
A1:A0
Fourth
Address
A1:A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table
(MODE = GND)
First
Address
A1:A0
Second
Address
A1:A0
Third
Address
A1:A0
Fourth
Address
A1:A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min
Max
Unit
IDDZZ
Sleep mode standby current
ZZ
 VDD 0.2 V
80
mA
tZZS
Device operation to ZZ
ZZ
 VDD  0.2 V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ
 0.2 V
2tCYC
–ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current This parameter is sampled
0
ns


Similar Part No. - CY7C1370D-200AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370D-200AXC CYPRESS-CY7C1370D-200AXC Datasheet
344Kb / 30P
   18-Mbit (512K X 36/1M X 18) Pipelined SRAM with NoBL Architecture
CY7C1370D-200AXC CYPRESS-CY7C1370D-200AXC Datasheet
511Kb / 28P
   18-Mbit (512K x 36/1M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1370D-200AXC CYPRESS-CY7C1370D-200AXC Datasheet
1Mb / 33P
   18-Mbit (512 K x 36/1 M x 18) Pipelined SRAM with NoBL Architecture
More results

Similar Description - CY7C1370D-200AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1370DV25 CYPRESS-CY7C1370DV25_12 Datasheet
774Kb / 30P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1380D CYPRESS-CY7C1380D_11 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1380DV33 CYPRESS-CY7C1380DV33 Datasheet
1Mb / 33P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1354CV25 CYPRESS-CY7C1354CV25_12 Datasheet
835Kb / 33P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1354C CYPRESS-CY7C1354C_11 Datasheet
1Mb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_12 Datasheet
1Mb / 37P
   18-Mbit (512 K 횞 36/1 M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1380S CYPRESS-CY7C1380S Datasheet
1Mb / 31P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1460AV33 CYPRESS-CY7C1460AV33_12 Datasheet
1,000Kb / 31P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com