Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1021BNL-15VXC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1021BNL-15VXC
Description  1-Mbit (64 K 횞 16) Static RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021BNL-15VXC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1021BNL-15VXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1021BNL-15VXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1021BNL-15VXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1021BNL-15VXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1021BNL-15VXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1021BNL-15VXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1021BNL-15VXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1021BNL-15VXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1021BNL-15VXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CY7C1021BN, CY7C10211BN
Document #: 001-06494 Rev. *D
Page 4 of 14
Maximum Ratings
Exceeding the maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage temperature ................................ –65
C to +150 C
Ambient temperature with
power applied .......................................... –55
C to +125 C
Supply voltage on
VCC relative to GND[1] .................................–0.5 V to +7.0 V
DC voltage applied to outputs
in High Z state[1] ................................. –0.5 V to VCC + 0.5 V
DC input voltage[1] .............................. –0.5 V to VCC + 0.5 V
Current into outputs (LOW) ........................................ 20 mA
Static discharge voltage
(per MIL-STD-883, Method 3015) .......................... > 2001 V
Latch-up current .................................................... > 200 mA
Operating Range
Range
Ambient Temperature (TA)[2]
VCC
Commercial
0
C to +70 C
5 V
 10%
Industrial
–40
C to +85 C
Automotive-A
–40
C to +85 C
Automotive-E
–40
C to +125 C
Electrical Characteristics
Over the operating range
Parameter
Description
Test Conditions
-15
Unit
Min
Max
VOH
Output HIGH voltage
VCC = Min, IOH = –4.0 mA
2.4
V
VOL
Output LOW voltage
VCC = Min, IOL = 8.0 mA
0.4
V
VIH
Input HIGH voltage
2.2
6.0
V
VIL
Input LOW voltage[1]
–0.5
0.8
V
IIX
Input leakage current
GND < VI < VCC
Commercial / Industrial
–1
+1
A
Automotive-A
–1
+1
A
Automotive-E
–4
+4
A
IOZ
Output leakage current
GND < VI < VCC,
Output Disabled
Commercial / Industrial
–1
+1
A
Automotive-A
–1
+1
A
Automotive-E
–4
+4
A
ICC
VCC operating supply current
VCC = Max,
IOUT = 0 mA,
f = fMAX = 1/tRC
Commercial / Industrial
130
mA
Automotive-A
130
Automotive-E
130
ISB1
Automatic CE power down
current—TTL inputs
Max VCC, CE > VIH,
VIN > VIH or VIN < VIL,
f = fMAX
Commercial / Industrial
40
mA
Automotive-A
40
Automotive-E
50
ISB2
Automatic CE power down
current—CMOS inputs
Max VCC,
CE > VCC – 0.3 V,
VIN > VCC – 0.3 V,
or VIN < 0.3 V, f = 0
Commercial / Industrial
10
mA
Commercial / Industrial (L)
0.5
Automotive-A (L)
0.5
Automotive-E
15
Notes
1. VIL (min.) = –2.0 V and VIH(max) = VCC + 0.5 V for pulse durations of less than 20 ns.
2. TA is the “Instant On” case temperature.
[+] Feedback


Similar Part No. - CY7C1021BNL-15VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021BNL-15VXC CYPRESS-CY7C1021BNL-15VXC Datasheet
474Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021BNL-15VXC CYPRESS-CY7C1021BNL-15VXC Datasheet
461Kb / 10P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021BNL-15VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021CV26 CYPRESS-CY7C1021CV26_10 Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021D-10VXIT CYPRESS-CY7C1021D-10VXIT Datasheet
521Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021DV33-10ZSXIT CYPRESS-CY7C1021DV33-10ZSXIT Datasheet
360Kb / 13P
   1-Mbit (64 K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL_13 Datasheet
509Kb / 16P
   1-Mbit (64 K x 16) Static RAM
FM28V102A CYPRESS-FM28V102A Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
CY7C1041CV33 CYPRESS-CY7C1041CV33_10 Datasheet
471Kb / 15P
   4-Mbit (256 K 횞 16) Static RAM
CY621472EV30 CYPRESS-CY621472EV30 Datasheet
492Kb / 14P
   4-Mbit (256 K 횞 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30_12 Datasheet
270Kb / 15P
   64-Mbit (4 M 횞 16) Static RAM
CY621472E30 CYPRESS-CY621472E30 Datasheet
505Kb / 16P
   4-Mbit (256 K 횞 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_13 Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com