Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN6300SY Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN6300SY
Description  High-Voltage Startup, Quasi-Resonant Operation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6300SY Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN6300SY Datasheet HTML 1Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 2Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 3Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 4Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 5Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 6Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 7Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 8Page - Fairchild Semiconductor FAN6300SY Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6300 • Rev. 1.0.3
5
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
DC Supply Voltage
30
V
VHV
HV Pin
500
V
VH
GATE Pin
-0.3
25.0
V
VL
VFB, VCS, VDET
-0.3
7.0
V
PD
Power Dissipation
400
mW
TJ
Operating Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature, Soldering 10 Seconds
+270
°C
Human Body Model, JEDEC:JESD22-A114
2.5
ESD
Charged Device Model, JEDEC:JESD22-C101
1.5
KV
Notes:
1.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
2.
All voltage values, except differential voltages, are given with respect to GND pin.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
TA
Operating Ambient Temperature
-40
+105
°C


Similar Part No. - FAN6300SY

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6300SZ FAIRCHILD-FAN6300SZ Datasheet
761Kb / 14P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
More results

Similar Description - FAN6300SY

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QR2280G-1 INFINEON-ICE2QR2280G-1 Datasheet
1Mb / 27P
   Quasi resonant operation
V2.2 2014-07-10
logo
Active-Semi, Inc
ACT512 ACTIVE-SEMI-ACT512_14 Datasheet
312Kb / 14P
   CCM and Quasi-Resonant Operation
Rev 4, 13-Feb-14
logo
Monolithic Power System...
HF01B00 MPS-HF01B00 Datasheet
902Kb / 16P
   Off Line High Voltage Quasi Resonant Regulator
logo
Dialog Semiconductor
IW1691 DIALOG-IW1691 Datasheet
1Mb / 24P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
logo
Renesas Technology Corp
IW1691 RENESAS-IW1691 Datasheet
2Mb / 32P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
22-Jan-2022
logo
Dialog Semiconductor
IW1710 DIALOG-IW1710 Datasheet
1Mb / 20P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
logo
Renesas Technology Corp
IW1710 RENESAS-IW1710 Datasheet
1Mb / 30P
   Digital PWM Current-Mode Controller for Quasi-Resonant Operation
24-Jan-2022
logo
List of Unclassifed Man...
FA5530 ETC2-FA5530 Datasheet
256Kb / 4P
   Quasi-Resonant IC
logo
Infineon Technologies A...
ICE5QSAG INFINEON-ICE5QSAG Datasheet
1Mb / 27P
   Quasi-Resonant Controller
V 2.1 2020-02-03
logo
STMicroelectronics
VIPER35 STMICROELECTRONICS-VIPER35 Datasheet
1Mb / 44P
   Quasi-resonant high performance off line high voltage converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com