Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX31850EVKIT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX31850EVKIT
Description  MAX31850/MAX31851 Evaluation Kit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31850EVKIT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX31850EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX31850EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX31850EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX31850EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX31850EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX31850EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX31850EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX31850EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX31850EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX31850/MAX31851 evaluation kit (EV kit) pro-
vides the hardware and software graphical user interface
(GUI) necessary to evaluate the MAX31850/MAX31851
cold-junction compensated, 1-Wire® thermocouple-to-
digital converter.
The EV kit comes with a MAX31850KATB+ soldered to
the PCB. This is the K-type thermocouple version of the
device. Other thermocouple types can be evaluated by
procuring the desired thermocouple, thermocouple sock-
et, and corresponding MAX31850 or MAX31851. Contact
the factory for free samples of the devices to match your
desired thermocouple type. See the Evaluating Other
Thermocouple Types section for part numbers and addi-
tional information regarding other thermocouple types.
EV Kit Contents
● Assembled Circuit Board Including MAX31850K
● Micro-USB Cable
● K-Type Thermocouple
Features
● Includes Everything Needed to Evaluate a
MAX31850K with a K-Type Thermocouple
● EV Kit Hardware is USB Powered (USB Cable
Included)
● Windows XP®- and Windows® 7-Compatible
Operating System Software
● USB HID Interface
● Second Channel Allows Easy Evaluation of Other
Thermocouple Types
● Fully Assembled and Tested on Proven PCB Layout
● RoHS Compliant
19-6752; Rev 0; 7/13
Ordering Information appears at end of data sheet.
1-Wire is a registered trademark of Maxim Integrated
Products, Inc.
Windows and Windows XP are registered trademarks and
registered service marks of Microsoft Corporation.
MAX31850/MAX31851 EV Kit Board
Note: The .EXE is downloaded as a .ZIP file.
MA31850/MAX31851 EV Kit Files
FILE
DESCRIPTION
MAX31850_51EVKitSetup.EXE
Application Program
Evaluates:
MAX31850/MAX31851
MAX31850/MAX31851 Evaluation Kit


Similar Part No. - MAX31850EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31850 MAXIM-MAX31850 Datasheet
1Mb / 25P
   Cold-Junction Compensated, 1-Wire Thermocouple-to-Digital Converters
Rev 0; 6/13
More results

Similar Description - MAX31850EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com