Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZUW152415 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ZUW152415
Description  UL recognized, TV approved, CSA certified
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZUW152415 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ZUW152415 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZUW152415 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZUW152415 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Home > Product Details
ZUW15
Model
Input
Voltage
[V]
Output
Wattage
[W]
DC
Output
[V/A]
ZUW150512
DC 4.5 - 9
14.4
-12 - 24V
-0.6 - 0.6A
ZUW150515
DC 4.5 - 9
15
-15 - 30V
-0.5 - 0.5A
ZUW151212
DC 9 - 18
15.6
-12 - 24V
-0.6 - 0.65A
ZUW151215
DC 9 - 18
15
-15 - 30V
-0.5 - 0.5A
ZUW152412
DC 18 - 36
15.6
-12 - 24V
-0.6 - 0.65A
ZUW152415
DC 18 - 36
15
-15 - 30V
-0.5 - 0.5A
ZUW154812
DC 36 - 72
15.6
-12 - 24V
-0.6 - 0.65A
ZUW154815
DC 36 - 72
15
-15 - 30V
-0.5 - 0.5A
Features
UL recognized, TV approved, CSA certified
Isolated between input-output
Thin profile
Built-in Over Current Protection
RoHS Compliant


Similar Part No. - ZUW152415

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
ZUW152415 COSEL-ZUW152415 Datasheet
469Kb / 12P
   DC-DC Converters PCB Mount type
More results

Similar Description - ZUW152415

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZUS152405 ETC2-ZUS152405 Datasheet
137Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS252412 ETC2-ZUS252412 Datasheet
133Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS252405 ETC2-ZUS252405 Datasheet
133Kb / 3P
   UL recognized, TV approved, CSA certified
ZUW32415 ETC2-ZUW32415 Datasheet
145Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS102405 ETC2-ZUS102405 Datasheet
138Kb / 3P
   UL recognized, TV approved, CSA certified
ZUW1R50515 ETC2-ZUW1R50515 Datasheet
138Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS1R51215 ETC2-ZUS1R51215 Datasheet
141Kb / 3P
   UL recognized, TV approved, CSA certified
ZUS31205 ETC2-ZUS31205 Datasheet
150Kb / 3P
   UL recognized, TV approved, CSA certified, Isolated between input-output
RJ11-6N-B ETC1-RJ11-6N-B Datasheet
41Kb / 1P
   UL Recognized CSA Certified
CBS1002415 ETC2-CBS1002415 Datasheet
119Kb / 3P
   UL60950, C-UL (CSA60950) recognized, TUV approved
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com