Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGS152405 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MGS152405
Description  DC-DC Converters PCB Mount type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MGS152405 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MGS152405 Datasheet HTML 1Page - List of Unclassifed Manufacturers MGS152405 Datasheet HTML 2Page - List of Unclassifed Manufacturers MGS152405 Datasheet HTML 3Page - List of Unclassifed Manufacturers MGS152405 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MG-5
MGS30
External view
GENERAL SPECIFICATIONS
ISOLATION
INPUT-OUTPUT
DC1,500V 1minute, Cutoff current = 10mA, DC500V 1,000MW min (20±15C)
INPUT-CASE
DC1,000V 1minute, Cutoff current = 10mA, DC500V 1,000MW min (20±15C)
OUTPUT-CASE
DC1,000V 1minute, Cutoff current = 10mA, DC500V 1,000MW min (20±15C)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE
-40 to +85C, 20 to 95%RH (Non condensing) (Required Derating), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE
-40 to +100C, 20 to 95%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 98.0m/s2 (10G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
490.3m/s2 (50G), 11ms, once each along X, Y and Z axis
SAFETY
AGENCY APPROVALS
UL60950-1, C-UL, EN60950-1
OTHERS
CASE SIZE/WEIGHT
25.4X9.9X50.8mm [1X0.39X2 inches] (WXHXD) / 40g max
COOLING METHOD
Convection/Forced air
*1
MGW30xx05/MGW30xx12/MGW30xx15 is available as single output, +10V/+24V/+30V
*2
Rated input 12V, 24V or 48V DC lo=100%
*3
Ripple and Ripple Noise is measured by using test board with ceramic capacitor 22 F at 50mm from output pins. (20MHz Osilloscope)
*4
Drift is the DC output accuracy for eight hours period after a half-hour warm-up at 25C.
*5
Rated input voltage (DC12V, DC24V, DC48V), rated output wattage, ambient temperature at 25C.
*
Parallel operation with other model is not possible.
(TOP VIEW)
Recommended Pad and Hole dia.
¶ Tolerance ±0.5 [±0.02]
¶ Dimensions in mm, [ ]=inches
¶ Pin terminal material : Copper
¶ Plating treatment of terminal : Lead free plating
¶ Case material : Brass
¶ Plating treatment of case : Nickel plating
¶ Bottom Cover : FR4 (t=0.6) [t=0.024]
¶ Please keep enough creepage distance with the
pattern on PCB and other components.
¶ Weight 40g max
1 ±0.1
f
6-
f1.5
Name Plate
+Vout
TRM
-Vout
+Vin
-Vin
RC
45.72
50.8
Unit : 0.1inch
Dimension : mm
Case
Bottom Cover
[1.8]
[2.0]
MG


Similar Part No. - MGS152405

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
MGS152405 COSEL-MGS152405 Datasheet
3Mb / 28P
   DC-DC Converters PCB Mount Type
January 31, 2022
More results

Similar Description - MGS152405

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SUS1R5 ETC2-SUS1R5 Datasheet
656Kb / 8P
   DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
SFS10 COSEL-SFS10 Datasheet
1Mb / 8P
   DC-DC Converters PCB Mount Type
logo
List of Unclassifed Man...
ZUS1R52405 ETC2-ZUS1R52405 Datasheet
492Kb / 12P
   DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
SFCS15 COSEL-SFCS15 Datasheet
601Kb / 4P
   DC-DC Converters PCB Mount Type
SUW1R50515 COSEL-SUW1R50515 Datasheet
240Kb / 11P
   DC-DC Converters PCB Mount Type
June 26, 2020
ZUW1R5 COSEL-ZUW1R5 Datasheet
469Kb / 12P
   DC-DC Converters PCB Mount type
logo
List of Unclassifed Man...
SFS302415B ETC2-SFS302415B Datasheet
691Kb / 8P
   DC-DC Converters PCB Mount type
SUCS102405C ETC2-SUCS102405C Datasheet
651Kb / 8P
   DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
MGS15 COSEL-MGS15 Datasheet
3Mb / 28P
   DC-DC Converters PCB Mount Type
January 31, 2022
ZUS62412 COSEL-ZUS62412 Datasheet
466Kb / 12P
   DC-DC Converters PCB Mount type
June 29, 2011
logo
List of Unclassifed Man...
SUCS1R5 ETC2-SUCS1R5 Datasheet
651Kb / 8P
   DC-DC Converters PCB Mount type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com