Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3216FF7-R Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # 3216FF7-R
Description  Chip Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

3216FF7-R Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  3216FF7-R Datasheet HTML 1Page - Cooper Bussmann, Inc. 3216FF7-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Time-Current Curve
Current in Amps
Packaging
Packaging Code Prefix
Description
TR
3000 fuses on 8mm tape-and-reel on a 7 inch (178mm) reel per EIA Standard RS481
0411
BU-SB11302
Page 2 of 2
Data Sheet 3001
© 2011 Cooper Bussmann
www.cooperbussmann.com
The only controlled copy of this Data Sheet is the electronic read-only version located on the Cooper Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin is
intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any technical information con-
tained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the Company. Life sup-
port systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result
in significant injury to the user.


Similar Part No. - 3216FF7-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
3216FF7-R COOPER-3216FF7-R Datasheet
335Kb / 2P
   Chip Fuses 3216FF Series, Fast-Acting
logo
Eaton All Rights Reserv...
3216FF7-R EATON-3216FF7-R Datasheet
351Kb / 2P
   Fast-acting Chip??surface mount fuse
More results

Similar Description - 3216FF7-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
3216LV COOPER-3216LV Datasheet
113Kb / 2P
   Chip??Fuses
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S_15 Datasheet
227Kb / 2P
   Chip Fuses
S0603H GOOD-ARK-S0603H_15 Datasheet
272Kb / 2P
   Chip Fuses
logo
Cooper Bussmann, Inc.
0603FA250-R COOPER-0603FA250-R Datasheet
560Kb / 2P
   Chip??Fuses
CC12H COOPER-CC12H Datasheet
303Kb / 2P
   High I2t Chip??Fuses
logo
Vishay Siliconix
TFU0603 VISHAY-TFU0603 Datasheet
119Kb / 7P
   Thick Film Chip Fuses
Revision: 26-May-10
logo
Protek Devices
PF1206S7 PROTEC-PF1206S7 Datasheet
482Kb / 6P
   slow blow chip fuses
logo
KOA Speer Electronics, ...
SF45N110TTE KOA-SF45N110TTE Datasheet
241Kb / 2P
   chip type resettable fuses
logo
Cooper Bussmann, Inc.
CC12H1A COOPER-CC12H1A_16 Datasheet
1Mb / 8P
   High I짼t Chip fuses
logo
Eaton All Rights Reserv...
CC12H EATON-CC12H Datasheet
551Kb / 8P
   High I짼t Chip fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com