Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR73-100-R Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # DR73-100-R
Description  High Power Density, High Efficiency, Shielded Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

DR73-100-R Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

  DR73-100-R Datasheet HTML 1Page - Cooper Bussmann, Inc. DR73-100-R Datasheet HTML 2Page - Cooper Bussmann, Inc. DR73-100-R Datasheet HTML 3Page - Cooper Bussmann, Inc. DR73-100-R Datasheet HTML 4Page - Cooper Bussmann, Inc. DR73-100-R Datasheet HTML 5Page - Cooper Bussmann, Inc. DR73-100-R Datasheet HTML 6Page - Cooper Bussmann, Inc. DR73-100-R Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
© 2007 Cooper Bussmann
St. Louis , MO 63178
www.cooperbussmann.com
1207
BU-SB07327
Page 6 of 6
Data Sheet 4315
This bulletin is intended to present product design solutions and technical information that will help the end user with design applications. Cooper Bussmann reserves the right, without notice,
to change design or construction of any products and to discontinue or limit distribution of any products. Cooper Bussmann also reserves the right to change or update, without notice, any
technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Life Support Policy: Cooper Bussmann does not authorize the use of any of its products for use in life support devices or systems without the express written approval of an officer of the
Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling,
can be reasonably expected to result in significant injury to the user.
North America
Cooper Bussmann
1225 Broken Sound Parkway NW
Suite F
Boca Raton, FL 33487-3533
Tel: 1-561-998-4100
Fax: 1-561-241-6640
Toll Free: 1-888-414-2645
Cooper Bussmann
P.O. Box 14460
St. Louis, MO 63178-4460
Tel: 1-636-394-2877
Fax: 1-636-527-1607
Europe
Cooper Bussmann
Cooper (UK) Limited
Burton-on-the-Wolds
Leicestershire • LE12 5TH UK
Tel: +44 (0) 1509 882 737
Fax: +44 (0) 1509 882 786
Cooper Bussmann
Avda. Santa Eulalia, 290
08223
Terrassa, (Barcelona), Spain
Tel: +34 937 362 812
+34 937 362 813
Fax: +34 937 362 719
Asia Pacific
Cooper Bussmann
1 Jalan Kilang Timor
#06-01 Pacific Tech Centre
Singapore 159303
Tel: +65 278 6151
Fax: +65 270 4160
OCL vs Isat DR73
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
160
% of Isat
OCL vs Isat DR74
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
180
% of Isat
OCL vs Isat DR125
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
% of Isat
OCL vs Isat DR127
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
% Isat
10
100
1000
99
90
0
% of Applied Volt-µSecond
Irms DERATING WITH CORE LOSS
92
94
96
98
70
50
30
10
80
97
95
60
80
60
40
30
20
200
300
400
600
800
Inductance Characteristics
Core Loss


Similar Part No. - DR73-100-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DR73-100-R COOPER-DR73-100-R Datasheet
298Kb / 6P
   High Power Density, High Efficiency, Shielded Inductors
logo
Analog Devices
DR73-100-R AD-DR73-100-R Datasheet
690Kb / 28P
   1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. 0
logo
List of Unclassifed Man...
DR73-100-R ETC2-DR73-100-R Datasheet
1Mb / 11P
   High power density, high efficiency, shielded inductors
logo
Eaton All Rights Reserv...
DR73-100-R EATON-DR73-100-R Datasheet
845Kb / 9P
   High power density, high efficiency, shielded drum core power inductors
More results

Similar Description - DR73-100-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DR127-2R2 ETC2-DR127-2R2 Datasheet
1Mb / 11P
   High power density, high efficiency, shielded inductors
logo
Cooper Bussmann, Inc.
DR73-R33-R COOPER-DR73-R33-R Datasheet
298Kb / 6P
   High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR74-101 ETC2-DR74-101 Datasheet
299Kb / 6P
   High Power Density, High Efficiency, Shielded Inductors
logo
Cooper Bussmann, Inc.
DRA73 COOPER-DRA73 Datasheet
396Kb / 8P
   High Power Density, High Efficiency, Shielded Inductors
logo
Eaton All Rights Reserv...
DR73-R33-R EATON-DR73-R33-R Datasheet
845Kb / 9P
   High power density, high efficiency, shielded drum core power inductors
DR124 EATON-DR124 Datasheet
655Kb / 5P
   High power density, high efficiency, low profile shielded drum core power inductors
logo
Cooper Bussmann, Inc.
SD52-680-R COOPER-SD52-680-R Datasheet
192Kb / 3P
   High Power Density, Low Profile, Shielded Inductors
logo
List of Unclassifed Man...
SD18-100 ETC1-SD18-100 Datasheet
395Kb / 8P
   High Power Density, Low Profile, Shielded Inductors
logo
Eaton All Rights Reserv...
SD52 EATON-SD52 Datasheet
382Kb / 4P
   High power density, low profile shielded power inductors
logo
Cooper Bussmann, Inc.
SD25-150-R COOPER-SD25-150-R Datasheet
309Kb / 7P
   SD Series High Power Density, Low Profile, Shielded Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com