Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTR1P02T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTR1P02T1G
Description  Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTR1P02T1G Datasheet(HTML) 2 Page - ON Semiconductor

  NTR1P02T1G Datasheet HTML 1Page - ON Semiconductor NTR1P02T1G Datasheet HTML 2Page - ON Semiconductor NTR1P02T1G Datasheet HTML 3Page - ON Semiconductor NTR1P02T1G Datasheet HTML 4Page - ON Semiconductor NTR1P02T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTR1P02T1, NVR1P02T1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(VGS = 0 V, ID = −10 mA)
(Positive Temperature Coefficient)
V(BR)DSS
−20
32
V
mV/°C
Zero Gate Voltage Drain Current
(VDS = −20 V, VGS = 0 V, TJ = 25°C)
(VDS = −20 V, VGS = 0 V, TJ = 150°C)
IDSS
−1.0
−10
mA
Gate−Body Leakage Current (VGS = ±20 V, VDS = 0 V)
IGSS
±100
nA
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage
(VDS = VGS, ID = −250 mA)
(Negative Temperature Coefficient)
VGS(th)
−1.1
−1.9
−4.0
−2.3
V
mV/°C
Static Drain−to−Source On−State Resistance
(VGS = −10 V, ID = −1.5 A)
(VGS = −4.5 V, ID = −0.75 A)
RDS(on)
0.148
0.235
0.180
0.280
W
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = −5 V, VGS = 0 V, f = 1.0 MHz)
Ciss
165
pF
Output Capacitance
(VDS = −5 V, VGS = 0 V, f = 1.0 MHz)
Coss
110
Reverse Transfer Capacitance
(VDS = −5 V, VGS = 0 V, f = 1.0 MHz)
Crss
35
SWITCHING CHARACTERISTICS (Note 2)
Turn−On Delay Time
(VDD = −15 V, ID = −1 A, VGS = −5 V, RG = 2.5 W)
td(on)
7.0
ns
Rise Time
(VDD = −15 V, ID = −1 A, VGS = −5 V, RG = 2.5 W)
tr
9.0
Turn−Off Delay Time
(VDD = −15 V, ID = −1 A, VGS = −5 V, RG = 2.5 W)
td(off)
9.0
Fall Time
(VDD = −15 V, ID = −1 A, VGS = −5 V, RG = 2.5 W)
tf
3.0
Total Gate Charge
(VDS = −15 V, VGS = −5 V, ID = −0.8 A)
Qtot
2.5
nC
Gate−Source Charge
(VDS = −15 V, VGS = −5 V, ID = −0.8 A)
Qgs
0.75
Gate−Drain Charge
(VDS = −15 V, VGS = −5 V, ID = −0.8 A)
Qgd
1.0
BODY−DRAIN DIODE RATINGS (Note 1)
Diode Forward On−Voltage (Note 2)
(IS = −0.6 A, VGS = 0 V)
(IS = −0.6 A, VGS = 0 V, TJ = 150°C)
VSD
−0.8
−0.6
−1.0
V
Reverse Recovery Time
(IS = −1 A, dIS/dt = 100 A/ms, VGS = 0 V)
trr
13.5
ns
ta
10.5
tb
3.0
Reverse Recovery Stored Charge
(IS = −1 A, dIS/dt = 100 A/ms, VGS = 0 V)
QRR
0.008
mC
1. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature.


Similar Part No. - NTR1P02T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR1P02T1G ONSEMI-NTR1P02T1G Datasheet
135Kb / 5P
   ??0 V, ?? A, P?묬hannel SOT??3 Package
October, 2011 ??Rev. 6
NTR1P02T1G ONSEMI-NTR1P02T1G Datasheet
91Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 8
logo
VBsemi Electronics Co.,...
NTR1P02T1G VBSEMI-NTR1P02T1G Datasheet
465Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

Similar Description - NTR1P02T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com