Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV5501DT15G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV5501DT15G
Description  500 mA LDO Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV5501DT15G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV5501DT15G Datasheet HTML 1Page - ON Semiconductor NCV5501DT15G Datasheet HTML 2Page - ON Semiconductor NCV5501DT15G Datasheet HTML 3Page - ON Semiconductor NCV5501DT15G Datasheet HTML 4Page - ON Semiconductor NCV5501DT15G Datasheet HTML 5Page - ON Semiconductor NCV5501DT15G Datasheet HTML 6Page - ON Semiconductor NCV5501DT15G Datasheet HTML 7Page - ON Semiconductor NCV5501DT15G Datasheet HTML 8Page - ON Semiconductor NCV5501DT15G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NCP5500, NCV5500, NCP5501, NCV5501
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Min
Max
Unit
Input Voltage (Note 1)
Vin
−0.3 (Note 2)
+18
V
Output, Enable Voltage
Vout, EN
−0.3
+16 or
Vin + 0.3
(Notes 2 and 5)
V
Maximum Junction Temperature
TJ
150
C
Storage Temperature
TStg
−55
+150
C
Moisture Sensitivity Level
All Packages
MSL
1
Lead Temperature Soldering
Reflow (SMD Styles Only), Pb−Free Versions (Note 3)
Tsld
265 Peak
C
ESD Capability, Human Body Model (Note 4)
ESDHBM
4000
V
ESD Capability, Machine Model (Note 4)
ESDMM
200
V
ESD Capability, Charged Device Model (Note 4)
ESDCDM
1000
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
*Latchup Current Maximum Rating:  100 mA per JEDEC standard: JESD78.
1. Refer to Electrical Characteristics and Application Information for Safe Operating Area.
2. Reverse bias protection feature valid only if Vout − Vin v 7 V.
3. Pb−Free, 60 sec –150 sec above 217C, 40 sec max at peak temperature
4. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
ESD Charged Device Model tested per EIA/JES D22/C101, Field Induced Charge Model
5. Maximum = +16 V or (Vin + 0.3 V), whichever is lower.
THERMAL CHARACTERISTICS
Rating
Symbol
Min
Max
Unit
Package Dissipation
Thermal Characteristics, DPAK 3 and DPAK 5 (Note 1)
Thermal Resistance, Junction−to−Air (Note 6)
Thermal Resistance, Junction−to−Case
Thermal Characteristics, SOIC−8 (Note 1)
Thermal Resistance, Junction−to−Air (Note 6)
Thermal Reference, Junction−to−Lead
PD
RqJA
RqJC
RqJA
RYJL
Internally Limited
60
5.2
80
22
W
C/W
C/W
6. As measured using a copper heat spreading area of 650 mm2, 1 oz copper thickness.
OPERATING RANGES
Rating
Symbol
Min
Max
Unit
Operating Input Voltage (Note 1)
Vin
Vout + VDO, 2.5 V
(Note 7)
16
V
Adjustable Output Voltage Range (Adjustable Version Only)
Vout
1.25
5.0
V
Operating Ambient Temperature Range
NCP5500, NCP5501
NCV5500, NCV5501
TA
−40
−40
85
125
C
7. Minimum Vin = 2.5 V or (Vout + VDO), whichever is higher.


Similar Part No. - NCV5501DT15G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV5501DT15G ONSEMI-NCV5501DT15G Datasheet
137Kb / 9P
   500 mA Linear Regulator
June, 2006 ??Rev. 3
More results

Similar Description - NCV5501DT15G

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
   500 mA, Low-Noise LDO Voltage Regulator
logo
New Japan Radio
NJW4105 NJRC-NJW4105 Datasheet
462Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.1
NJW4105T1 NJRC-NJW4105T1 Datasheet
664Kb / 23P
   HIGH VOLTAGE IO = 500 mA LDO REGULATOR
Ver.1.0
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
   500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Richtek Technology Corp...
RT9184 RICHTEK-RT9184 Datasheet
186Kb / 10P
   500 MA DUAL LDO REGULATOR
logo
Fortune Semiconductor C...
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
logo
ON Semiconductor
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
   500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Microchip Technology
MIC5212 MICROCHIP-MIC5212 Datasheet
1Mb / 18P
   Dual 500 mA LDO Regulator
09/14/21
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
   500 mA Output LDO Regulator with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com