Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP585DSN12T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP585DSN12T1G
Description  Tri-Mode 300 mA CMOS LDO Regulator with Enable
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP585DSN12T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP585DSN12T1G Datasheet HTML 1Page - ON Semiconductor NCP585DSN12T1G Datasheet HTML 2Page - ON Semiconductor NCP585DSN12T1G Datasheet HTML 3Page - ON Semiconductor NCP585DSN12T1G Datasheet HTML 4Page - ON Semiconductor NCP585DSN12T1G Datasheet HTML 5Page - ON Semiconductor NCP585DSN12T1G Datasheet HTML 6Page - ON Semiconductor NCP585DSN12T1G Datasheet HTML 7Page - ON Semiconductor NCP585DSN12T1G Datasheet HTML 8Page - ON Semiconductor NCP585DSN12T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2009
July, 2009 − Rev. 14
1
Publication Order Number:
NCP585/D
NCP585
Tri-Mode 300 mA CMOS
LDO Regulator with Enable
The NCP585 series of low dropout regulators are designed for
portable battery powered applications which require precise output
voltage accuracy, low quiescent current, and high ripple rejection.
These devices feature an enable function which lowers current
consumption significantly and are offered in the SOT23−5 and the
HSON−6 packages, in fixed output voltages between 0.8 V and 3.3 V.
This series of devices have three modes. Chip Enable (CE mode),
Fast Transient Mode (FT mode), and Low Power Mode (LP mode).
Both the FT and LP mode are utilized via the ECO pin.
Features
Tri−mode Operation
Low Dropout Voltage:
Typ 550 mV at 300 mA, Output Voltage = 0.9 V
Typ 480 mV at 300 mA, Output Voltage = 1.0 V
Typ 310 mV at 300 mA, Output Voltage = 1.5 V
Excellent Line Regulation of 0.01%/V (0.05%/V LP Mode)
Excellent Load Regulation of 15 mV (40 mV FT Mode)
High Output Voltage Accuracy of "2% ("3% LP mode)
Ultra−Low Iq Current of:
3.5
mA (LP mode, Output Voltage < 1.6 V)
80
mA (FT mode, Output Voltage < 1.8 V)
60
mA (FT mode, Output Voltage = 1.8 V)
Very Low Shutdown Current of 0.1 mA
Excellent Power Supply Rejection Ratio of 70 dB at f = 1.0 kHz
Low Temperature Drift Coefficient on the Output Voltage of
"100 ppm/°C
Fold Back Protection Circuit
Input Voltage up to 6.5 V
These are Pb−Free Devices
Typical Applications
Portable Equipment
Hand−Held Instrumentation
Camcorders and Cameras
SOT23−5
SN SUFFIX
CASE 1212
http://onsemi.com
MARKING
DIAGRAMS
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
1
5
1
6
HSON−6
SAN SUFFIX
CASE 506AE
1
6
XXX
XTT
1
5
XXXTT
XXX = Specific Device Code
TT
= Traceability Information
*Additional voltage options may be available between
0.8 V and 3.3 V in 100 mV steps.


Similar Part No. - NCP585DSN12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585DSN12T1G ONSEMI-NCP585DSN12T1G Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
More results

Similar Description - NCP585DSN12T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP585 ONSEMI-NCP585 Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP584HSN30T1G ONSEMI-NCP584HSN30T1G Datasheet
133Kb / 14P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
February, 2010 ??Rev. 14
NCP584 ONSEMI-NCP584 Datasheet
89Kb / 12P
   Tri-Mode 200 mA CMOS LDO Regulator with Enable
July, 2005 ??Rev. 2
NCP4589 ONSEMI-NCP4589 Datasheet
647Kb / 30P
   300 mA, Tri-Mode, LDO Linear Voltage Regulator
May, 2011 ??Rev. 0
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
   300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com