Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF182 Datasheet(PDF) 7 Page - Motorola, Inc

Part # MRF182
Description  LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF182 Datasheet(HTML) 7 Page - Motorola, Inc

  MRF182 Datasheet HTML 1Page - Motorola, Inc MRF182 Datasheet HTML 2Page - Motorola, Inc MRF182 Datasheet HTML 3Page - Motorola, Inc MRF182 Datasheet HTML 4Page - Motorola, Inc MRF182 Datasheet HTML 5Page - Motorola, Inc MRF182 Datasheet HTML 6Page - Motorola, Inc MRF182 Datasheet HTML 7Page - Motorola, Inc MRF182 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
MRF182
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 360B–01
ISSUE O
(MRF182)
G
K
D
E
H
N
F
C
SEATING
PLANE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.790
0.810
20.07
20.57
INCHES
B
0.220
0.240
5.59
6.09
C
0.125
0.175
3.18
4.45
D
0.205
0.225
5.21
5.71
E
0.050
0.070
1.27
1.77
F
0.004
0.006
0.11
0.15
G
0.562 BSC
14.27 BSC
H
0.070
0.090
1.78
2.29
K
0.215
0.255
5.47
6.47
N
0.350
0.370
8.89
9.39
Q
0.120
0.140
3.05
3.55
STYLE 1:
PIN 1. DRAIN
2. GATE
3. SOURCE
1
2
3
Q 2 PL
M
A
M
0.25 (0.010)
B M
T
–B–
–A–
–T–
CASE 360C–03
ISSUE B
(MRF182S)
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
STYLE 1:
PIN 1. DRAIN
2. GATE
3. SOURCE
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.370
0.390
9.40
9.91
INCHES
B
0.220
0.240
5.59
6.09
C
0.105
0.155
2.67
3.94
D
0.205
0.225
5.21
5.71
E
0.035
0.045
0.89
1.14
F
0.004
0.006
0.11
0.15
H
0.057
1.45
K
0.085
0.115
2.16
2.92
N
0.350
0.370
8.89
9.39
K
D
E
H
N
F
C
SEATING
PLANE
2
–B–
–A–
–T–
0.067
1.70
3
1


Similar Part No. - MRF182

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF182 ASI-MRF182 Datasheet
271Kb / 1P
   RF POWER FET TRANSISTOR
More results

Similar Description - MRF182

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF184 MOTOROLA-MRF184 Datasheet
194Kb / 9P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF282 MOTOROLA-MRF282 Datasheet
142Kb / 11P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF185 MOTOROLA-MRF185 Datasheet
56Kb / 4P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF3010 MOTOROLA-MRF3010 Datasheet
106Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF173 MOTOROLA-MRF173 Datasheet
107Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFETs
MRF9060 MOTOROLA-MRF9060 Datasheet
393Kb / 12P
   945 MHz, 60 W, 26 V LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
logo
Freescale Semiconductor...
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
   RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
Motorola, Inc
MRF1507 MOTOROLA-MRF1507 Datasheet
206Kb / 12P
   LATERAL NCHANNEL BROADBAND RF POWER MOSFET
MRF21010 MOTOROLA-MRF21010 Datasheet
542Kb / 8P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com