Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSA30L Datasheet(PDF) 1 Page - Rohm

Part # RSA30L
Description  ESD protection device (TVS)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSA30L Datasheet(HTML) 1 Page - Rohm

  RSA30L Datasheet HTML 1Page - Rohm RSA30L Datasheet HTML 2Page - Rohm RSA30L Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
ESD protection device (TVS)
RSA30L
Applications
Dimensions (Unit : mm)
Land size figure (Unit : mm)
For terminal protection device
Features
1) Small power mold type. (PMDS)
2) High reliability
Construction
Silicon epitaxial planar
Structure
Taping specifications (Unit : mm)
Absolute maximum ratings (Ta=25°C)
Symbol
Unit
Ppk
W
VRMN
V
Tj
°C
Tstg
°C
Electrical characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Conditions
VBR
28.5
-
31.5
V
IR=1.0mA
VC
-
-
41.4
V
Ipp=14.4A
IR
--
5
uA
VRMN=25.6V
Parameter
Limits
Peak pulse (tp=10×1000us)
600
Stand off power
25.6
Junction temperature
150
Clamping voltage
Reverse current
Storage temperature
55 to 150
Parameter
Breakdown voltage
4.0±0.1
2.9±0.1
4.0±0.1
2.0±0.05
φ1.55±0.05
φ1.55
0.3
2.8MAX
PMDS
2.0
ROHM : PMDS
JEDEC : SOD-106
Manufacture Date
0.1±0.02
    0.1
2.6±0.2
2.0±0.2
1.5±0.2
1/2
2011.05 - Rev.C


Similar Part No. - RSA30L

ManufacturerPart #DatasheetDescription
logo
Rohm
RSA30L ROHM-RSA30L Datasheet
160Kb / 3P
   ESD protection device (TVS)
logo
Gaomi Xinghe Electronic...
RSA30L GXELECTRONICS-RSA30L Datasheet
1Mb / 2P
   ESD protection device (TVS)
logo
Rohm
RSA30L ROHM-RSA30L Datasheet
294Kb / 6P
   ESD protection device (TVS)
RSA30L ROHM-RSA30L_11 Datasheet
961Kb / 3P
   ESD protection device (TVS)
RSA30L ROHM-RSA30L_15 Datasheet
294Kb / 6P
   ESD protection device (TVS)
More results

Similar Description - RSA30L

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
RSA30L GXELECTRONICS-RSA30L Datasheet
1Mb / 2P
   ESD protection device (TVS)
logo
Rohm
RSA30L ROHM-RSA30L Datasheet
160Kb / 3P
   ESD protection device (TVS)
RSA12MGTR ROHM-RSA12MGTR Datasheet
117Kb / 3P
   ESD Protection Device (TVS)
RSA5MGTR ROHM-RSA5MGTR Datasheet
92Kb / 3P
   ESD Protection Device (TVS)
RSA30L ROHM-RSA30L_11 Datasheet
961Kb / 3P
   ESD protection device (TVS)
RSA30L ROHM-RSA30L_15 Datasheet
294Kb / 6P
   ESD protection device (TVS)
RSA12L ROHM-RSA12L Datasheet
101Kb / 3P
   ESD Protection Device (TVS)
RSA12M ROHM-RSA12M_08 Datasheet
115Kb / 3P
   ESD Protection Device (TVS)
RSA5M ROHM-RSA5M Datasheet
123Kb / 3P
   ESD Protection Device (TVS)
RSA12M ROHM-RSA12M Datasheet
164Kb / 3P
   ESD Protection Device (TVS)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com