Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJU003N03 Datasheet(PDF) 1 Page - Rohm

Part # RJU003N03
Description  2.5V Drive Nch MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RJU003N03 Datasheet(HTML) 1 Page - Rohm

  RJU003N03 Datasheet HTML 1Page - Rohm RJU003N03 Datasheet HTML 2Page - Rohm RJU003N03 Datasheet HTML 3Page - Rohm RJU003N03 Datasheet HTML 4Page - Rohm RJU003N03 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.03 - Rev.A
2.5V Drive Nch MOSFET
RJU003N03
Structure
Dimensions (Unit : mm)
Silicon N-channel MOSFET
Features
1) Low On-resistance.
2) Low voltage drive (2.5V drive).
Applications
Switching
Packaging specifications and hFE
Inner circuit
Package
Code
Taping
Basic ordering unit (pieces)
RJU003N03
T106
3000
Type
Absolute maximum ratings (Ta=25
°C)
∗1
∗2
Parameter
V
VDSS
Symbol
V
VGSS
mA
ID
A
IDP
mW
PD
°C
Tch
°C
Tstg
Limits
Unit
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Range of storage temperature
Continuous
Pulsed
∗1 Pw≤10µs, Duty cycle≤1%
∗2 Each terminal mounted on a recommended land
30
150
−55 to +150
±12
±300
±1.2
200
Thermal resistance
Parameter
°C/W
Rth(ch-a)
Symbol
Limits
Unit
Channel to ambient
625
∗ Each terminal mounted on a recommended land
Each lead has same dimensions
UMT3
Abbreviated symbol : LP
0.2
0.15
0.9
0.7
0.3
(3)
0.65
(2)
2.0
1.3
(1)
0.65
(1) Source
(2) Gate
(3) Drain
(1) Source
(2) Gate
(3) Drain
(1)
(3)
(2)
∗2
∗1
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE


Similar Part No. - RJU003N03

ManufacturerPart #DatasheetDescription
logo
Rohm
RJU003N03 ROHM-RJU003N03 Datasheet
56Kb / 3P
   2.5V Drive Nch MOS FET
RJU003N03FRA ROHM-RJU003N03FRA Datasheet
1Mb / 7P
   2.5V Drive Nch MOSFET
More results

Similar Description - RJU003N03

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UM6K31N TI-UM6K31N Datasheet
205Kb / 6P
[Old version datasheet]   2.5V Drive Nch Nch MOSFET
logo
Rohm
EM6K31_1009 ROHM-EM6K31_1009 Datasheet
195Kb / 6P
   2.5V Drive Nch Nch MOSFET
US6K1 ROHM-US6K1_09 Datasheet
193Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31 ROHM-EM6K31 Datasheet
191Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2_0610 ROHM-QS5K2_0610 Datasheet
67Kb / 4P
   2.5V Drive NchNch MOSFET
US6K1TR ROHM-US6K1TR Datasheet
129Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31T2R ROHM-EM6K31T2R Datasheet
152Kb / 6P
   2.5V Drive Nch Nch MOSFET
UM6K31N ROHM-UM6K31N Datasheet
205Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2TR ROHM-QS5K2TR Datasheet
61Kb / 4P
   2.5V Drive Nch Nch MOSFET
RTR030N05 ROHM-RTR030N05 Datasheet
222Kb / 5P
   2.5V Drive Nch MOSFET
RTL035N03 ROHM-RTL035N03 Datasheet
66Kb / 3P
   2.5V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com