Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNS1NV04D-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # VNS1NV04D-E
Description  ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNS1NV04D-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VNS1NV04D-E Datasheet HTML 4Page - STMicroelectronics VNS1NV04D-E Datasheet HTML 5Page - STMicroelectronics VNS1NV04D-E Datasheet HTML 6Page - STMicroelectronics VNS1NV04D-E Datasheet HTML 7Page - STMicroelectronics VNS1NV04D-E Datasheet HTML 8Page - STMicroelectronics VNS1NV04D-E Datasheet HTML 9Page - STMicroelectronics VNS1NV04D-E Datasheet HTML 10Page - STMicroelectronics VNS1NV04D-E Datasheet HTML 11Page - STMicroelectronics VNS1NV04D-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8/14
VNS1NV04D
1
1
1
1
Source-Drain Diode Forward Characteristics
Derating Curve
Static Drain Source On Resistance
Static Drain-Source On resistance Vs. Input
Voltage
Transconductance
Static Drain-Source On resistance Vs. Input
Voltage
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Id(A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Gfs (S)
Vds=13V
Tj=25ºC
Tj=150ºC
Tj=-40ºC
33.544.555.566.5
7
Vin(V)
0
50
100
150
200
250
300
350
400
450
500
Rds(on) (mohms)
Id=0.5A
Tj=150ºC
Tj=-40ºC
Tj=25ºC
3
3.5
4
4.5
5
5.5
6
6.5
Vin(V)
0
50
100
150
200
250
300
350
400
450
500
Rds(on) (mohms)
Id=1.5A
Id=1A
Id=1.5A
Id=1A
Id=1.5A
Id=1A
Tj=25ºC
Tj=150ºC
Tj=-40ºC
0
2
4
6
8
101214
Id (A)
700
750
800
850
900
950
1000
Vsd (mV)
Vin=0V
0
0.05
0.1
0.15
0.2
0.25
0.3
Id(A)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Rds(on) (ohms)
Tj=25ºC
Tj=150ºC
Tj=-40ºC
Vin=2.5V


Similar Part No. - VNS1NV04D-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNS1NV04D STMICROELECTRONICS-VNS1NV04D Datasheet
244Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNS1NV04D STMICROELECTRONICS-VNS1NV04D Datasheet
249Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
September 2013 Rev 4
VNS1NV04D13TR STMICROELECTRONICS-VNS1NV04D13TR Datasheet
249Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
September 2013 Rev 4
VNS1NV04DP-E STMICROELECTRONICS-VNS1NV04DP-E Datasheet
383Kb / 24P
   OMNIFET II fully autoprotected Power MOSFET
VNS1NV04DPTR-E STMICROELECTRONICS-VNS1NV04DPTR-E Datasheet
383Kb / 24P
   OMNIFET II fully autoprotected Power MOSFET
More results

Similar Description - VNS1NV04D-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNS3NV04D STMICROELECTRONICS-VNS3NV04D Datasheet
241Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNB35NV04TR-E STMICROELECTRONICS-VNB35NV04TR-E Datasheet
414Kb / 19P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNS1NV04D13TR STMICROELECTRONICS-VNS1NV04D13TR Datasheet
249Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
September 2013 Rev 4
VND1NV04 STMICROELECTRONICS-VND1NV04 Datasheet
392Kb / 18P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNB14NV04 STMICROELECTRONICS-VNB14NV04_04 Datasheet
388Kb / 29P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNB14NV04 STMICROELECTRONICS-VNB14NV04 Datasheet
510Kb / 29P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNN7NV04 STMICROELECTRONICS-VNN7NV04 Datasheet
488Kb / 29P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNS1NV04D STMICROELECTRONICS-VNS1NV04D Datasheet
244Kb / 14P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNN3NV04 STMICROELECTRONICS-VNN3NV04 Datasheet
418Kb / 21P
   ?쏰MNIFET II?? FULLY AUTOPROTECTED POWER MOSFET
VNP49N04FI STMICROELECTRONICS-VNP49N04FI Datasheet
133Kb / 14P
   ?쏰MNIFET?? FULLY AUTOPROTECTED POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com