Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFHM9331TRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFHM9331TRPBF
Description  Low Thermal Resistance to PCB (<6.0째C/W)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM9331TRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFHM9331TRPBF Datasheet HTML 1Page - International Rectifier IRFHM9331TRPBF Datasheet HTML 2Page - International Rectifier IRFHM9331TRPBF Datasheet HTML 3Page - International Rectifier IRFHM9331TRPBF Datasheet HTML 4Page - International Rectifier IRFHM9331TRPBF Datasheet HTML 5Page - International Rectifier IRFHM9331TRPBF Datasheet HTML 6Page - International Rectifier IRFHM9331TRPBF Datasheet HTML 7Page - International Rectifier IRFHM9331TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFHM9331PbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 1.904mH, RG = 50Ω, IAS = -9A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ When mounted on 1 inch square copper board.
… Rθ is measured at TJ of approximately 90°C.
† For DESIGN AID ONLY, not subject to production testing.
‡ Current limited by package.
.
G
D
S
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
BVDSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.02
–––
V/°C
RDS(on)
–––
10.0
–––
–––
11.7
14.6
VGS(th)
Gate Threshold Voltage
-1.3
-1.8
-2.4
V
∆VGS(th)
Gate Threshold Voltage Coefficient
–––
-5.1
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
-1.0
–––
–––
-150
IGSS
Gate-to-Source Forward Leakage
–––
–––
-10
Gate-to-Source Reverse Leakage
–––
–––
10
gfs
Forward Transconductance
16
–––
–––
S
Qg
Total Gate Charge
h
–––
16
–––
nC
VDS = -15V,VGS = -4.5V,ID = - 9.0A
Qg
Total Gate Charge
h
–––
32
48
Qgs
Gate-to-Source Charge
h
–––
4.4
–––
Qgd
Gate-to-Drain Charge
h
–––8–––
RG
Gate Resistance
h
–––
16
–––
td(on)
Turn-On Delay Time
–––
11
–––
tr
Rise Time
–––
27
–––
td(off)
Turn-Off Delay Time
–––
72
–––
tf
Fall Time
–––
60
–––
Ciss
Input Capacitance
–––
1543
–––
Coss
Output Capacitance
–––
310
–––
Crss
Reverse Transfer Capacitance
–––
208
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min.
Typ.
Max.
Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
-1.2
V
trr
Reverse Recovery Time
–––
64
96
ns
Qrr
Reverse Recovery Charge
–––
25
38
nC
Thermal Resistance
Parameter
Units
RθJC
Junction-to-Case
g
RθJA
Junction-to-Ambient
f
RθJA
Junction-to-Ambient (t<10s)
f
°C/W
Conditions
See Figs. 19a & 19b
Max.
76
-9.0
ƒ = 1.0KHz
VGS = 0V
VDS = -25V
VDS = -24V, VGS = 0V
Conditions
VGS = 0V, ID = -250µA
Reference to 25°C, ID = -1mA
VGS = -20V, ID = -11A e
VGS = -10V, ID = -11A
e
VDS = VGS, ID = -25µA
m
µA
TJ = 25°C, IF = -2.8A, VDD = -24V
di/dt = 100/µs
e
TJ = 25°C, IS = -2.8A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
MOSFET symbol
ID = -9.0A
RG = 6.8
VDS = -10V, ID = -9.0A
VDS = -24V, VGS = 0V, TJ = 125°C
VDD = -15V, VGS = -4.5V e
ID = -1.0A
VDS = -15V
VGS = -25V
VGS = 25V
VGS = -10V
-90
µA
nC
ns
pF
–––
Typ.
–––
Typ.
–––
–––
Static Drain-to-Source On-Resistance
A
–––
–––
–––
–––
-2.8
Max.
6
30
45


Similar Part No. - IRFHM9331TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM9331TRPBF IRF-IRFHM9331TRPBF Datasheet
236Kb / 8P
   System/load switch
More results

Similar Description - IRFHM9331TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH8316PBF IRF-IRFH8316PBF Datasheet
262Kb / 9P
   Low Thermal Resistance to PCB
logo
Infineon Technologies A...
IRFHM9331 INFINEON-IRFHM9331 Datasheet
236Kb / 8P
   Low Thermal Resistance to PCB
2013-12-16
logo
International Rectifier
IRFHE4250DPBF IRF-IRFHE4250DPBF_15 Datasheet
382Kb / 12P
   Low thermal resistance path to the PCB
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com