Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN920SOTR-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # VN920SOTR-E
Description  SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920SOTR-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VN920SOTR-E Datasheet HTML 4Page - STMicroelectronics VN920SOTR-E Datasheet HTML 5Page - STMicroelectronics VN920SOTR-E Datasheet HTML 6Page - STMicroelectronics VN920SOTR-E Datasheet HTML 7Page - STMicroelectronics VN920SOTR-E Datasheet HTML 8Page - STMicroelectronics VN920SOTR-E Datasheet HTML 9Page - STMicroelectronics VN920SOTR-E Datasheet HTML 10Page - STMicroelectronics VN920SOTR-E Datasheet HTML 11Page - STMicroelectronics VN920SOTR-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8/23
VN920 / VN920-B5 / VN920SO
GND
PROTECTION
NETWORK
AGAINST
REVERSE BATTERY
Solution 1: Resistor in the ground line (RGND only). This
can be used with any type of load.
The following is an indication on how to dimension the
RGND resistor.
1) RGND ≤ 600mV / (IS(on)max).
2) RGND ≥ (−VCC) / (-IGND)
where -IGND is the DC reverse ground pin current and can
be found in the absolute maximum rating section of the
device’s datasheet.
Power Dissipation in RGND (when VCC<0: during reverse
battery situations) is:
PD= (-VCC)
2/R
GND
This resistor can be shared amongst several different
HSD. Please note that the value of this resistor should be
calculated with formula (1) where IS(on)max becomes the
sum of the maximum on-state currents of the different
devices.
Please note that if the microprocessor ground is not
common with the device ground then the RGND will
produce a shift (IS(on)max * RGND) in the input thresholds
and the status output values. This shift will vary
depending on how many devices are ON in the case of
several high side drivers sharing the same RGND.
If the calculated power dissipation leads to a large resistor
or several devices have to share the same resistor then
the ST suggests to utilize Solution 2 (see below).
Solution 2: A diode (DGND) in the ground line.
A resistor (RGND=1kΩ) should be inserted in parallel to
DGND if the device will be driving an inductive load.
This small signal diode can be safely shared amongst
several different HSD. Also in this case, the presence of
the ground network will produce a shift (
j600mV) in the
input threshold and the status output values if the
microprocessor ground is not common with the device
ground. This shift will not vary if more than one HSD
shares the same diode/resistor network.
LOAD DUMP PROTECTION
Dld is necessary (Voltage Transient Suppressor) if the
load dump peak voltage exceeds VCC max DC rating. The
same applies if the device will be subject to transients on
the VCC line that are greater than the ones shown in the
ISO T/R 7637/1 table.
µC I/Os PROTECTION:
If a ground protection network is used and negative
transients are present on the VCC line, the control pins will
be pulled negative. ST suggests to insert a resistor (Rprot)
in line to prevent the
µC I/Os pins to latch-up.
The value of these resistors is a compromise between the
leakage current of
µC and the current required by the
HSD I/Os (Input levels compatibility) with the latch-up limit
of
µC I/Os.
-VCCpeak/Ilatchup ≤ Rprot ≤ (VOHµC-VIH-VGND) / IIHmax
Calculation example:
For VCCpeak= - 100V and Ilatchup ≥ 20mA; VOHµC ≥ 4.5V
5k
Ω ≤ R
prot ≤ 65kΩ.
Recommended Rprot value is 10kΩ.
1
APPLICATION SCHEMATIC
VCC
GND
OUTPUT
DGND
RGND
Dld
µC
+5V
Rprot
VGND
INPUT
CURRENT SENSE
RSENSE
Rprot


Similar Part No. - VN920SOTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920SO STMICROELECTRONICS-VN920SO Datasheet
370Kb / 25P
   SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
VN920SO-E STMICROELECTRONICS-VN920SO-E Datasheet
383Kb / 24P
   HIGH SIDE DRIVER
VN920SO13TR STMICROELECTRONICS-VN920SO13TR Datasheet
370Kb / 25P
   SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
More results

Similar Description - VN920SOTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN610SP STMICROELECTRONICS-VN610SP Datasheet
72Kb / 10P
   SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
VN920 STMICROELECTRONICS-VN920 Datasheet
370Kb / 25P
   SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
VN920SP STMICROELECTRONICS-VN920SP Datasheet
273Kb / 16P
   SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
VN920-B5H STMICROELECTRONICS-VN920-B5H Datasheet
1Mb / 26P
   Single-channel high-side solid state relay
September 2013 Rev 3
VN920PEP STMICROELECTRONICS-VN920PEP Datasheet
181Kb / 10P
   SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
VN460SP-E STMICROELECTRONICS-VN460SP-E Datasheet
87Kb / 9P
   SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
VN460SPTR-E STMICROELECTRONICS-VN460SPTR-E Datasheet
165Kb / 9P
   SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
VN460SP STMICROELECTRONICS-VN460SP Datasheet
76Kb / 9P
   SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
VND600SP STMICROELECTRONICS-VND600SP Datasheet
195Kb / 18P
   DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ600 STMICROELECTRONICS-VNQ600 Datasheet
339Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com