Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN920DSP-E Datasheet(PDF) 6 Page - STMicroelectronics

Part # VN920DSP-E
Description  HIGH SIDE DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920DSP-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VN920DSP-E Datasheet HTML 2Page - STMicroelectronics VN920DSP-E Datasheet HTML 3Page - STMicroelectronics VN920DSP-E Datasheet HTML 4Page - STMicroelectronics VN920DSP-E Datasheet HTML 5Page - STMicroelectronics VN920DSP-E Datasheet HTML 6Page - STMicroelectronics VN920DSP-E Datasheet HTML 7Page - STMicroelectronics VN920DSP-E Datasheet HTML 8Page - STMicroelectronics VN920DSP-E Datasheet HTML 9Page - STMicroelectronics VN920DSP-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
VN920DSP
6/19
Figure 5.
Figure 6. Switching time Waveforms
VIN
VSTAT
tDOL(off)
OPEN LOAD STATUS TIMING (with external pull-up)
OVERTEMP STATUS TIMING
IOUT< IOL
VOUT > VOL
tDOL(on)
Tj > TTSD
VIN
VSTAT
tSDL
tSDL
t
t
VOUT
VIN
80%
10%
dVOUT/dt(on)
td(off)
90%
dVOUT/dt(off)
td(on)


Similar Part No. - VN920DSP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
   HIGH SIDE DRIVER
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
177Kb / 19P
   HIGH SIDE DRIVER
VN920DSP.E STMICROELECTRONICS-VN920DSP.E Datasheet
1Mb / 22P
   for car body applications
VN920DSP13TR STMICROELECTRONICS-VN920DSP13TR Datasheet
250Kb / 17P
   HIGH SIDE DRIVER
VN920DSP13TR STMICROELECTRONICS-VN920DSP13TR Datasheet
177Kb / 19P
   HIGH SIDE DRIVER
More results

Similar Description - VN920DSP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
   HIGH SIDE DRIVER
VN820 STMICROELECTRONICS-VN820_04 Datasheet
543Kb / 35P
   HIGH SIDE DRIVER
VN800PSTR-E STMICROELECTRONICS-VN800PSTR-E Datasheet
373Kb / 27P
   High-side driver
VN920DB5-E STMICROELECTRONICS-VN920DB5-E Datasheet
392Kb / 26P
   High-side driver
September 2013 Rev 3
VN750SM-E STMICROELECTRONICS-VN750SM-E Datasheet
243Kb / 20P
   HIGH SIDE DRIVER
October 2004
VN750PEP STMICROELECTRONICS-VN750PEP Datasheet
156Kb / 14P
   HIGH SIDE DRIVER
VN751PT STMICROELECTRONICS-VN751PT_08 Datasheet
392Kb / 16P
   High side driver
VN750 STMICROELECTRONICS-VN750_04 Datasheet
423Kb / 31P
   HIGH SIDE DRIVER
VN920D-B5 STMICROELECTRONICS-VN920D-B5 Datasheet
438Kb / 22P
   HIGH SIDE DRIVER
L9801 STMICROELECTRONICS-L9801 Datasheet
346Kb / 7P
   HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com