Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STS11N3LLH5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS11N3LLH5
Description  N-channel 30 V, 0.0117 廓, 11 A, SO-8 STripFET??V Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS11N3LLH5 Datasheet(HTML) 1 Page - STMicroelectronics

  STS11N3LLH5 Datasheet HTML 1Page - STMicroelectronics STS11N3LLH5 Datasheet HTML 2Page - STMicroelectronics STS11N3LLH5 Datasheet HTML 3Page - STMicroelectronics STS11N3LLH5 Datasheet HTML 4Page - STMicroelectronics STS11N3LLH5 Datasheet HTML 5Page - STMicroelectronics STS11N3LLH5 Datasheet HTML 6Page - STMicroelectronics STS11N3LLH5 Datasheet HTML 7Page - STMicroelectronics STS11N3LLH5 Datasheet HTML 8Page - STMicroelectronics STS11N3LLH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
June 2011
Doc ID 15982 Rev 2
1/12
12
STS11N3LLH5
N-channel 30 V, 0.0117
Ω, 11 A, SO-8
STripFET™ V Power MOSFET
Features
RDS(on) * Qg industry benchmark
Extremely low on-resistance RDS(on)
Very low switching gate charge
High avalanche ruggedness
Low gate drive power losses
Applications
Switching applications
Description
This device is an N-channel Power MOSFET
developed using STMicroelectronics'
STripFET™V technology. The device has been
optimized to achieve very low on-state resistance,
contributing to an FOM that is among the best in
its class..
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STS11N3LLH5
30 V
< 0.0132
Ω 11 A (1)
1.
The value is rated according Rthj-pcb
SO-8
1
4
5
8
Table 1.
Device summary
Order code
Marking
Package
Packaging
STS11N3LLH5
11D3L
SO-8
Tape and reel
www.st.com


Similar Part No. - STS11N3LLH5

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS11N3LLH5 VBSEMI-STS11N3LLH5 Datasheet
929Kb / 9P
   N-Channel 20V (D-S) MOSFET
More results

Similar Description - STS11N3LLH5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS14N3LLH5 STMICROELECTRONICS-STS14N3LLH5 Datasheet
419Kb / 12P
   N-channel 30 V, 0.005 廓, 14 A - SO-8 STripFET??V Power MOSFET
STS10N3LH5 STMICROELECTRONICS-STS10N3LH5 Datasheet
778Kb / 13P
   N-channel 30 V, 0.019 廓, 10 A, SO-8 STripFET??V Power MOSFET
STS8DN3LLH5 STMICROELECTRONICS-STS8DN3LLH5 Datasheet
775Kb / 12P
   Dual N-channel 30 V, 0.0155 廓, 10 A, SO-8 STripFET??V Power MOSFET
logo
ON Semiconductor
NTMS4816N ONSEMI-NTMS4816N Datasheet
94Kb / 5P
   Power MOSFET 30 V, 11 A, N-Channel, SO-8
December, 2007 - Rev. 0
logo
STMicroelectronics
STS26N3LLH6 STMICROELECTRONICS-STS26N3LLH6 Datasheet
730Kb / 14P
   N-channel 30 V, 0.0038 廓, 26 A, SO-8 STripFET??VI DeepGATE??Power MOSFET
STS5N15F4 STMICROELECTRONICS-STS5N15F4 Datasheet
716Kb / 11P
   N-channel 150 V, 0.057廓, 5 A, SO-8 STripFET??DeepGATE??Power MOSFET
STS8DNH3LL STMICROELECTRONICS-STS8DNH3LL_08 Datasheet
315Kb / 12P
   Dual n-channel 30 V - 0.018 廓 - 8 A - SO-8 low gate charge STripFET??III Power MOSFET
STS12NH3LL STMICROELECTRONICS-STS12NH3LL_07 Datasheet
316Kb / 13P
   N-channel 30 V - 0.008 廓 - 12 A - SO-8 ultra low gate charge STripFET??Power MOSFET
STS17NH3LL_0710 STMICROELECTRONICS-STS17NH3LL_0710 Datasheet
313Kb / 12P
   N-channel 30 V - 0.004 廓 - 17 A - SO-8 STripFET??Power MOSFET for DC-DC conversion
STS9D8NH3LL STMICROELECTRONICS-STS9D8NH3LL Datasheet
423Kb / 14P
   Dual N-channel 30 V - 0.012 廓 - 9 A - SO-8 low on-resistance STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com