Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF175LV Datasheet(PDF) 5 Page - Motorola, Inc

Part # MRF175LV
Description  N-CHANNEL BROADBAND RF POWER FETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF175LV Datasheet(HTML) 5 Page - Motorola, Inc

  MRF175LV Datasheet HTML 1Page - Motorola, Inc MRF175LV Datasheet HTML 2Page - Motorola, Inc MRF175LV Datasheet HTML 3Page - Motorola, Inc MRF175LV Datasheet HTML 4Page - Motorola, Inc MRF175LV Datasheet HTML 5Page - Motorola, Inc MRF175LV Datasheet HTML 6Page - Motorola, Inc MRF175LV Datasheet HTML 7Page - Motorola, Inc MRF175LV Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
MRF175LU MRF175LV
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
Figure 8. Output Power versus Supply Voltage
Figure 9. Output Power versus Supply Voltage
MRF175LV
Figure 10. Power Gain versus Frequency
Figure 11. Output Power versus Input Power
MRF175LU
160
120
80
40
0
0
2
4
6
8
10
12141618
20
Pin, INPUT POWER (WATTS)
f = 225 MHz
VDD = 28 V
IDQ = 100 mA
400 MHz
IDQ = 100 mA
f = 400 MHz
f = 225 MHz
IDQ = 100 mA
140
100
60
20
VDS = 28 V
IDQ = 100 mA
Pout = 100 W
Pin = 14 W
10 W
160
120
80
40
12
140
100
60
20
14
16
18
20
22
24
26
28
SUPPLY VOLTAGE (VOLTS)
Pin = 6 W
4 W
160
120
80
40
12
140
100
60
20
16
20
24
28
VDD, SUPPLY VOLTAGE (VOLTS)
30
25
20
15
5
5
10
f, FREQUENCY (MHz)
10
20
50
100
200
500
2 W
6 W


Similar Part No. - MRF175LV

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF175LV MACOM-MRF175LV Datasheet
144Kb / 8P
   N-CHANNEL BROADBAND RF POWER FETs
More results

Similar Description - MRF175LV

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF175LU MACOM-MRF175LU Datasheet
144Kb / 8P
   N-CHANNEL BROADBAND RF POWER FETs
MRF175GU MACOM-MRF175GU Datasheet
214Kb / 11P
   N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175GU1111 MACOM-MRF175GU1111 Datasheet
209Kb / 10P
   N-CHANNEL MOS BROADBAND RF POWER FETs
logo
Motorola, Inc
MRF136 MOTOROLA-MRF136 Datasheet
284Kb / 12P
   N-CHANNEL MOS BROADBAND RF POWER FETs
MRF175GU MOTOROLA-MRF175GU Datasheet
183Kb / 8P
   N-CHANNEL MOS BROADBAND RF POWER FETs
MRF176GU MOTOROLA-MRF176GU Datasheet
177Kb / 10P
   N-CHANNEL MOS BROADBAND RF POWER FETs
MRF166 MOTOROLA-MRF166 Datasheet
154Kb / 8P
   MOSFET BROADBAND RF POWER FETs
MRF166C MOTOROLA-MRF166C Datasheet
111Kb / 6P
   MOSFET BROADBAND RF POWER FETs
logo
Tyco Electronics
MRF166C MACOM-MRF166C Datasheet
178Kb / 9P
   MOSFET BROADBAND RF POWER FETs
logo
Motorola, Inc
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com