Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25S256FVJ-WE2 Datasheet(PDF) 7 Page - Rohm

Part # BR25S256FVJ-WE2
Description  High Reliability Series Serial EEPROMs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25S256FVJ-WE2 Datasheet(HTML) 7 Page - Rohm

Back Button BR25S256FVJ-WE2 Datasheet HTML 3Page - Rohm BR25S256FVJ-WE2 Datasheet HTML 4Page - Rohm BR25S256FVJ-WE2 Datasheet HTML 5Page - Rohm BR25S256FVJ-WE2 Datasheet HTML 6Page - Rohm BR25S256FVJ-WE2 Datasheet HTML 7Page - Rohm BR25S256FVJ-WE2 Datasheet HTML 8Page - Rohm BR25S256FVJ-WE2 Datasheet HTML 9Page - Rohm BR25S256FVJ-WE2 Datasheet HTML 10Page - Rohm BR25S256FVJ-WE2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Technical Note
7/18
BR25S□□□ Series
www.rohm.com
2010.12 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
●Features
○Status registers
This IC has status register. The status register expresses the following parameters of 8 bits.
BP0 and BP1 can be set by write status register command. These 2 bits are memorized into the EEPROM, therefore are
valid even when power source is turned off.
Rewrite characteristics and data hold time are same as characteristics of the EEPROM.
WEN can be set by write enable command and write disable command. WEN becomes write disable status when power
source is turned off. R/B is for write confirmation, therefore cannot be set externally.
The value of status register can be read by read status register command.
1. Contexture of status register
Product number
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
BR25S320-W
WPEN
0
0
0
BP1
BP0
WEN
R
/B
BR25S640-W
BR25S128-W
BR25S256-W
bit
Memory
location
Function
WPEN
EEPROM
WPB pin enable / disable designation bit
WPEN=0=invalid
WPEN=1=valid
BP1
BP0
EEPROM
EEPROM write disable block designation bit
WEN
registers
Write and write status register write enable / disable status confirmation bit
WEN=0=prohibited
WEN=1=permitted
R
/B
registers
Write cycle status (READY / BUSY) status confirmation bit
R
/B=0=READY
R
/B=1=BUSY
2. Write disable block setting
BP1
BP0
Write disable block
BR25S320-W
BR25S640-W
BR25S128-W
BR25S256-W
0
0
None
None
None
None
0
1
C00h-FFFh
1800h-1FFFh
3000h-3FFFh
6000h-7FFFh
1
0
800h-FFFh
1000h-1FFFh
2000h-3FFFh
4000h-7FFFh
1
1
000h-FFFh
0000h-1FFFh
0000h-3FFFh
0000h-7FFFh
○WPB pin
By setting WPB=LOW, write command is prohibited. And the write command to be disabled at this moment is WRSR.
However, when write cycle is in execution, no interruption can be made.
Product number
WRSR
WRITE
BR25S320-W
Prohibition possible
but WPEN bit “1”
Prohibition
impossible
BR25S640-W
BR25S128-W
BR25S256-W
○HOLDB pin
By HOLDB pin, data transfer can be interrupted. When SCK=”0”, by making HOLDB from “1” into”0”, data transfer to
EEPROM is interrupted. When SCK = “0”, by making HOLDB from “0” into “1”, data transfer is restarted.


Similar Part No. - BR25S256FVJ-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S256FVJ-WE2 ROHM-BR25S256FVJ-WE2 Datasheet
678Kb / 35P
   SPI BUS EEPROM
More results

Similar Description - BR25S256FVJ-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR25S320-W ROHM-BR25S320-W Datasheet
632Kb / 19P
   High Reliability Series Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com