Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25S640FVJ-WE2 Datasheet(PDF) 2 Page - Rohm

Part # BR25S640FVJ-WE2
Description  High Reliability Series Serial EEPROMs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25S640FVJ-WE2 Datasheet(HTML) 2 Page - Rohm

  BR25S640FVJ-WE2 Datasheet HTML 1Page - Rohm BR25S640FVJ-WE2 Datasheet HTML 2Page - Rohm BR25S640FVJ-WE2 Datasheet HTML 3Page - Rohm BR25S640FVJ-WE2 Datasheet HTML 4Page - Rohm BR25S640FVJ-WE2 Datasheet HTML 5Page - Rohm BR25S640FVJ-WE2 Datasheet HTML 6Page - Rohm BR25S640FVJ-WE2 Datasheet HTML 7Page - Rohm BR25S640FVJ-WE2 Datasheet HTML 8Page - Rohm BR25S640FVJ-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Technical Note
2/18
BR25S□□□ Series
www.rohm.com
2010.12 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
●Absolute maximum ratings (Ta=25°C)
●Memory cell characteristics (Ta=25°C , Vcc=1.7V~5.5V)
Parameter
Symbol
Limits
Unit
Impressed
voltage
Vcc
-0.3~+6.5
V
Permissible
dissipation
Pd
450(SOP8)
*1
mW
450(SOP-J8)
*2
300(SSOP-B8)
*3
330(TSSOP-B8)
*4
310(MSOP8)
*5
310(TSSOP-B8J)
*6
300(VSON008X2030)
*7
Storage
temperature
range
Tstg
-65~+125
Operating
temperature
range
Topr
-40~+85
Terminal
voltage
-0.3~Vcc+0.3
V
* When using at Ta=25℃ or higher, 4.5mW(*1, *2),
3.0mW(*3, *7),3.3mW(*4), 3.1mW(*5, *6) to be reduced per 1℃
●Electrical characteristics (Unless otherwise specified, Ta=-40~+85°C, Vcc=1.7~5.5V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
“H” Input Voltage1
VIH1
0.7xVcc
Vcc+0.3
V
1.7≦Vcc≦5.5V
“L” Input Voltage1
VIL1
-0.3
0.3xVcc
V
1.7≦Vcc≦5.5V
“L” Output Voltage1
VOL1
0
0.4
V
IOL=2.1mA, 2.5≦Vcc<5.5V
“L” Output Voltage2
VOL2
0
0.2
V
IOL=1.0mA, 1.7≦Vcc<2.5V
“H” Output Voltage1
VOH1
Vcc-0.2
Vcc
V
IOH=-0.4mA, 2.5V≦Vcc<5.5V
“H” Output Voltage2
VOH2
Vcc-0.2
Vcc
V
IOH=-100µA, 1.7≦Vcc<2.5V
Input Leakage Current
ILI
-1
1
μAVIN=0~Vcc
Output Leakage Current
ILO
-1
1
μAVOUT=0~Vcc, CSB=Vcc
Operating Current Write
ICC1
0.5
*1
mA
Vcc=1.8V, fSCK=5MHz, tE/W=5ms
Byte Write, Page Write, Write Status register
1
*2
ICC2
1
*1
mA
Vcc=2.5V, fSCK=10MHz, tE/W=5ms
Byte Write, Page Write, Write Status register
1.5
*2
ICC3
2
*1
mA
Vcc=5.5V, fSCK=20MHz, tE/W=5ms
Byte Write, Page Write, Write Status register
3
*2
Operating Current Read
ICC4
1
mA
Vcc=1.8V, fSCK=5MHz, SO=OPEN
Read, Read Status Register
ICC5
1
mA
Vcc=2.5V, fSCK=2MHz, SO=OPEN
Read, Read Status Register
ICC6
1.5
mA
Vcc=2.5V, fSCK=5MHz, SO=OPEN
Read, Read Status Register
ICC7
2
mA
Vcc=2.5V, fSCK=10MHz, SO=OPEN
Read, Read Status Register
ICC8
2
mA
Vcc=5.5V, fSCK=5MHz, SO=OPEN
Read, Read Status Register
ICC9
4
mA
Vcc=5.5V, fSCK=10MHz, SO=OPEN
Read, Read Status Register
ICC10
8
mA
Vcc=5.5V, fSCK=20MHz, SO=OPEN
Read, Read Status Register
Standby Current
ISB
2
μA
Vcc=5.5V, SO=OPEN
CSB=HOLDB=WPB=Vcc, SCK=SI=Vcc or GND
*1
BR25S320/640-W
*2
BR25S128/256-W
Radiation resistance design is not made
Parameter
Limits
Unit
Min.
Min.
Min.
Number of
data rewrite times
*1
1,000,000
Time
Data hold years
*1
40
Year
*1
Not 100% TESTED
●Recommended action conditions
Parameter
Symbol
Limits
Unit
Power source voltage
VCC
1.7~5.5
V
Input voltage
VIN
0~Vcc
●Input / output capacity (Ta=25°C, frequency=5MHz)
Parameter
Symbol Conditions
Min.
Max.
Unit
Input capacity
*1
CIN
VIN=GND
8
pF
Output capacity
*1
COUT
VOUT=GND
8
*1
Not 100% TESTED.


Similar Part No. - BR25S640FVJ-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S640FVJ-W ROHM-BR25S640FVJ-W Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
More results

Similar Description - BR25S640FVJ-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR25S320-W ROHM-BR25S320-W Datasheet
632Kb / 19P
   High Reliability Series Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com