Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25S320FVJ-WE2 Datasheet(PDF) 11 Page - Rohm

Part # BR25S320FVJ-WE2
Description  High Reliability Series Serial EEPROMs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25S320FVJ-WE2 Datasheet(HTML) 11 Page - Rohm

Back Button BR25S320FVJ-WE2 Datasheet HTML 7Page - Rohm BR25S320FVJ-WE2 Datasheet HTML 8Page - Rohm BR25S320FVJ-WE2 Datasheet HTML 9Page - Rohm BR25S320FVJ-WE2 Datasheet HTML 10Page - Rohm BR25S320FVJ-WE2 Datasheet HTML 11Page - Rohm BR25S320FVJ-WE2 Datasheet HTML 12Page - Rohm BR25S320FVJ-WE2 Datasheet HTML 13Page - Rohm BR25S320FVJ-WE2 Datasheet HTML 14Page - Rohm BR25S320FVJ-WE2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Technical Note
11/18
BR25S□□□ Series
www.rohm.com
2010.12 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
●Method to cancel each command
○READ, RDSR
・Method to cancel : cancel by CSB = “H”.
○WRITE、PAGE WRITE
a:Ope code or address input area
Cancellation is available by CSB=”H”.
b:Data input area (D7~D1 input area)
Cancellation is available by CSB=”H”.
c:Data input area (D0 area)
In this area, cancellation is not available.
When CSB is set HIGH, write starts.
d:tE/W area
In the area c, by rising CSB, write starts.
While writing, by any input, cancellation cannot be made.
Note1) If Vcc is made OFF during write execution, designated address data is not guaranteed, therefore write it once again.
Note2) If CSB is rised at the same timing as that of the SCK rise, write execution / cancel becomes unstable, therefore, it is
recommended to rise in SCK = “L” area. As for SCK rise, assure timing of tCSS / tCSH or more.
○WRSR
a:From ope code to 15-th clock rise
Cancellation is available by CSB=”H”.
b:From 15-th clock rise to 16-th clock rise (write enable area)
In this area, cancellation is not available.
When CSB is set HIGH, write starts.
c:After 16-th clock rise.
Cancellation is available by CSB=”H”.
However, if write starts (CSB is rised)
in the area b, cancellation cannot be made by any means.
And, by inputting on SCK clock, cancellation cannot be made.
Note1) If Vcc is made OFF during write execution, designated address data is not guaranteed, therefore write it once
again
Note2) If CSB is rised at the same timing as that of the SCK rise, write execution / cancel becomes unstable, therefore, it
is recommended to rise in SCK = “L” area. As for SCK rise, assure timing of tCSS / tCSH or more.
○WREN/WRDI
a:From ope code to 7-th clock rise, cancellation is available by CSB = “H”.
b:Cancellation is not available 7-th clock.
Fig.40
READ cancel valid timing
Fig.41
RDSR cancel valid timing
Fig.44
WREN/WRDI cancel valid timing
Ope code
Address
a
Data
tE/W
b
d
c
8bits
8bits
16bits
D7
b
D6
D5
D4
D3
D2
D1
D0
SCK
SI
c
Fig.43 WRSR cancel valid timing
Ope code
Address
Cancel available in all areas of read mode
Data
8 bits
8 bits
16 bits
Ope code
Cancel available in all
areas of rdsr mode
Data
8 bits
8 bits
Ope code
Data
tE/W
8 bits
14
15
16
17
D1
D0
a
b
c
8 bits
a
b
c
SCK
SI
Ope code
8 bits
6
7
8
a
b
SCK
Fig.42
WRITE cancel valid timing


Similar Part No. - BR25S320FVJ-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S320FVJ-W ROHM-BR25S320FVJ-W Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
More results

Similar Description - BR25S320FVJ-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR25S320-W ROHM-BR25S320-W Datasheet
632Kb / 19P
   High Reliability Series Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com