Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25S320FVT-WE2 Datasheet(PDF) 10 Page - Rohm

Part # BR25S320FVT-WE2
Description  High Reliability Series Serial EEPROMs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25S320FVT-WE2 Datasheet(HTML) 10 Page - Rohm

Back Button BR25S320FVT-WE2 Datasheet HTML 6Page - Rohm BR25S320FVT-WE2 Datasheet HTML 7Page - Rohm BR25S320FVT-WE2 Datasheet HTML 8Page - Rohm BR25S320FVT-WE2 Datasheet HTML 9Page - Rohm BR25S320FVT-WE2 Datasheet HTML 10Page - Rohm BR25S320FVT-WE2 Datasheet HTML 11Page - Rohm BR25S320FVT-WE2 Datasheet HTML 12Page - Rohm BR25S320FVT-WE2 Datasheet HTML 13Page - Rohm BR25S320FVT-WE2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Technical Note
10/18
BR25S□□□ Series
www.rohm.com
2010.12 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
●WPB cancel valid area
WPB is normally fixed to “H” or “L” for use, but when WPB is controlled so as to cancel write status register command, pay
attention to the following WPB valid timing.
While write status register command is executed, by setting WPB = “L” in cancel valid area, command can be cancelled.
The area from command ope code to CSB rise at internal automatic write start becomes the cancel valid area. However,
once write is started, by any input write cycle cannot be cancelled. WPB input becomes Don’t Care, and cancellation
becomes invalid.
●HOLDB pin
By HOLDB pin, command communication can be stopped temporarily (HOLD status). The command communications are
carried out when the HOLDB pin is HIGH. To get in HOLD status, at command communication, when SCK=LOW, set the
HOLDB pin LOW. At HOLD status, SCK and SI become Don’t Care, and SO becomes high impedance (High-Z). To release
the HOLD status, set the HOLDB pin HIGH when SCK=LOW. After that, communication can be restarted from the point
before the HOLD status. For example, when HOLD status is made after A5 address input at read, after release of HOLD
status, by starting A4 address input, read can be restarted. When in HOLD status, keep CSB LOW. When it is set
CSB=HIGH in HOLD status, the IC is reset, therefore communication after that cannot be restarted.
Fig.39
WPB valid timing (At inputting WRSR command)
6
7
Ope Code
Data
tE/W
Data write time
SCK
15
16
Valid
(WRSR command is reset by WPB=L)
Invalid


Similar Part No. - BR25S320FVT-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S320FVT-W ROHM-BR25S320FVT-W Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
More results

Similar Description - BR25S320FVT-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR25S320-W ROHM-BR25S320-W Datasheet
632Kb / 19P
   High Reliability Series Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com