Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNBH23LQTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # LNBH23LQTR
Description  LNB supply and control IC with step-up and I2C interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH23LQTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LNBH23LQTR Datasheet HTML 6Page - STMicroelectronics LNBH23LQTR Datasheet HTML 7Page - STMicroelectronics LNBH23LQTR Datasheet HTML 8Page - STMicroelectronics LNBH23LQTR Datasheet HTML 9Page - STMicroelectronics LNBH23LQTR Datasheet HTML 10Page - STMicroelectronics LNBH23LQTR Datasheet HTML 11Page - STMicroelectronics LNBH23LQTR Datasheet HTML 12Page - STMicroelectronics LNBH23LQTR Datasheet HTML 13Page - STMicroelectronics LNBH23LQTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Maximum ratings
LNBH23L
10/25
Doc ID 15335 Rev 4
4
Maximum ratings
Table 3.
Absolute maximum ratings (1)
1.
Absolute maximum ratings are those values beyond which damage to the device may occur. These are stress ratings only
and functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions
for extended periods may affect device reliability. All voltage values are with respect to network ground terminal.
Symbol
Parameter
Value
Unit
VCC-L, VCC DC power supply input voltage pins
-0.3 to 16
V
VUP
DC input voltage
-0.3 to 24
V
IOUT
Output current
Internally limited
mA
VoRX
DC output pin voltage
-0.3 to 25
V
VoTX
Tone output pin voltage
-0.3 to 25
V
VI
Logic input voltage (TTX, SDA, SCL, DSQIN, ADDR pins)
-0.3 to 7
V
VOH
Logic high output voltage (PDC pin)
-0.3 to 7
V
VEXTM
EXTM pin voltage
-0.3 to 2
V
LX
LX input voltage
-0.3 to 24
V
VBYP
Internal reference pin voltage (2)
2.
The BYP pin is intended only to connect an external ceramic capacitor. Any connection of this pin to external current or
voltage sources may cause permanent damage to the device.
-0.3 to 4.6
V
ISEL
Current selection pin voltage
-0.3 to 4.6
V
TSTG
Storage temperature range
-50 to 150
°C
TJ
Operating junction temperature range
-25 to 125
°C
ESD
ESD rating with human body model (HBM) for all pins unless 4, 21, 22
2
kV
ESD rating with human body model (HBM) for pins 21, 22
4
ESD rating with human body model (HBM) for pin 4
0.6
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
2
°C/W
RthJA
Thermal resistance junction-ambient with device soldered
on 2s2p PC board
35
°C/W


Similar Part No. - LNBH23LQTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBH23LQTR STMICROELECTRONICS-LNBH23LQTR Datasheet
504Kb / 25P
   Selectable output current limit by external resistor
November 2010 Rev 4
More results

Similar Description - LNBH23LQTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBH25LPQR STMICROELECTRONICS-LNBH25LPQR Datasheet
909Kb / 28P
   LNB supply and control IC with step-up and I2C interface
LNBH21 STMICROELECTRONICS-LNBH21 Datasheet
493Kb / 20P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
LNBH24 STMICROELECTRONICS-LNBH24 Datasheet
446Kb / 30P
   Dual LNB supply and control IC with step-up and I2C interface
LNBS21 STMICROELECTRONICS-LNBS21 Datasheet
637Kb / 19P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
November 2002
LNBS21 STMICROELECTRONICS-LNBS21_04 Datasheet
695Kb / 21P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
LNBH25S STMICROELECTRONICS-LNBH25S Datasheet
1Mb / 37P
   LNB supply and control IC with step-up and IC interface
LNBH221 STMICROELECTRONICS-LNBH221_06 Datasheet
654Kb / 27P
   Dual LNB supply and control IC with Step-Up converter and I2C interface
LNBH221 STMICROELECTRONICS-LNBH221 Datasheet
515Kb / 18P
   DUAL LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE
LNBEH21 STMICROELECTRONICS-LNBEH21 Datasheet
588Kb / 22P
   LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
LNBH29 STMICROELECTRONICS-LNBH29 Datasheet
1Mb / 31P
   LNB supply and control IC with step-up and I짼C interface
March 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com