Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LIS352ARTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # LIS352ARTR
Description  MEMS motion sensor: 3-axis 2 g analog-output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS352ARTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LIS352ARTR Datasheet HTML 5Page - STMicroelectronics LIS352ARTR Datasheet HTML 6Page - STMicroelectronics LIS352ARTR Datasheet HTML 7Page - STMicroelectronics LIS352ARTR Datasheet HTML 8Page - STMicroelectronics LIS352ARTR Datasheet HTML 9Page - STMicroelectronics LIS352ARTR Datasheet HTML 10Page - STMicroelectronics LIS352ARTR Datasheet HTML 11Page - STMicroelectronics LIS352ARTR Datasheet HTML 12Page - STMicroelectronics LIS352ARTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
LIS352AR
Functionality
Doc ID 16933 Rev 1
9/15
5
Functionality
The LIS352AR is a 3-axis “piccolo”, low-power, analog output linear accelerometer
packaged in an LGA package. The complete device includes a sensing element and an IC
interface capable of taking information from the sensing element providing an analog signal
to the external world. The sensor provides three acceleration channels and one multiplexed
analog output.
5.1
Sensing element
A proprietary process is used to create a surface micro-machined accelerometer. The
technology allows the creation of suspended silicon structures which are attached to the
substrate at several points called “anchors” and are free to move in the direction of the
sensed acceleration. To be compatible with traditional packaging techniques, a cap is
placed on top of the sensing element to prevent blocking of the moving parts during the
moulding phase of plastic encapsulation.
When an acceleration is applied to the sensor, the proof mass shifts from its nominal
position, causing an imbalance in the capacitive half-bridge. This imbalance is measured
using charge integration in response to a voltage pulse applied to the sense capacitor.
At steady state, the nominal value of the capacitors are a few pF, and when an acceleration
is applied the maximum variation of the capacitive load is in the fF range.
5.2
IC interface
The complete signal processing utilizes a fully differential structure, while the final stage
converts the differential signal into a single-ended signal to be compatible with external
applications.
The first stage is a low-noise capacitive amplifier that implements a correlated double
sampling (CDS) at its output to cancel the offset and the 1/f noise. The signal produced is
then sent to three different S&Hs, one for each channel, and made available to the outside.
The device provides an embedded multiplexer to allow the redirection of either the analog
output signals Voutx, Vouty, and Voutz, or of an auxiliary input signal onto a single pin for
operation with a single-channel A/D converter.
All the analog parameters (output offset voltage and sensitivity) are ratiometric to the
voltage supply. Increasing or decreasing the voltage supply, the sensitivity and the offset
increases or decreases linearly. This feature provides for cancellation of the error related to
the voltage supply along an analog-to-digital conversion chain.
5.3
Factory calibration
The IC interface is factory-calibrated for sensitivity (So) and Zero-
g level (Voff). The trimming
values are stored in the device in a non-volatile structure. Any time the device is turned on,
the trimming parameters are downloaded to the registers to be employed during normal
operation. This allows the user to use the device without further calibration.


Similar Part No. - LIS352ARTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS352AX STMICROELECTRONICS-LIS352AX Datasheet
253Kb / 15P
   MEMS inertial sensor: 3-axis 짹2 g absolute analog-output "piccolo" accelerometer
LIS352AXTR STMICROELECTRONICS-LIS352AXTR Datasheet
253Kb / 15P
   MEMS inertial sensor: 3-axis 짹2 g absolute analog-output "piccolo" accelerometer
More results

Similar Description - LIS352ARTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
   MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
LIS302SG STMICROELECTRONICS-LIS302SG Datasheet
227Kb / 19P
   MEMS motion sensor 3-axis - 짹2g analog output -piccolo- accelerometer
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
   MEMS motion sensor 3-axis-짹2g analog output "piccolo" accelerometer
LIS302ALB STMICROELECTRONICS-LIS302ALB Datasheet
197Kb / 17P
   MEMS motion sensor 3-axis - 짹2g analog output piccolo accelerometer
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
logo
Analog Devices
ADXL377 AD-ADXL377 Datasheet
407Kb / 13P
   3-Axis 짹200 g Analog MEMS
Rev. PrB
logo
STMicroelectronics
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
   MEMS motion sensor: low-power high-g 3-axis digital accelerometer
L3GD20H STMICROELECTRONICS-L3GD20H Datasheet
2Mb / 52P
   MEMS motion sensor: three-axis digital output gyroscope
March 2013 Rev 2
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
796Kb / 38P
   MEMS motion sensor: low-power high-g 3-axis digital accelerometer
LIS332AX STMICROELECTRONICS-LIS332AX Datasheet
219Kb / 14P
   MEMS inertial sensor: 3-axis 짹2 g absolute analog-output ultracompact accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com