Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC00T-IOTG Datasheet(PDF) 5 Page - Microchip Technology

Part # 24LC00T-IOTG
Description  128-Bit I2C??Bus Serial EEPROM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC00T-IOTG Datasheet(HTML) 5 Page - Microchip Technology

  24LC00T-IOTG Datasheet HTML 1Page - Microchip Technology 24LC00T-IOTG Datasheet HTML 2Page - Microchip Technology 24LC00T-IOTG Datasheet HTML 3Page - Microchip Technology 24LC00T-IOTG Datasheet HTML 4Page - Microchip Technology 24LC00T-IOTG Datasheet HTML 5Page - Microchip Technology 24LC00T-IOTG Datasheet HTML 6Page - Microchip Technology 24LC00T-IOTG Datasheet HTML 7Page - Microchip Technology 24LC00T-IOTG Datasheet HTML 8Page - Microchip Technology 24LC00T-IOTG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
 1996-2011 Microchip Technology Inc.
DS21178H-page 5
24AA00/24LC00/24C00
3.0
FUNCTIONAL DESCRIPTION
The 24XX00 supports a bidirectional 2-wire bus and
data transmission protocol. A device that sends data
onto the bus is defined as a transmitter, and a device
receiving data as a receiver. The bus has to be
controlled by a master device which generates the
Serial Clock (SCL), controls the bus access, and
generates the Start and Stop conditions, while the
24XX00 works as slave. Both master and slave can
operate as transmitter or receiver, but the master
device determines which mode is activated.
4.0
BUS CHARACTERISTICS
The following bus protocol has been defined:
• Data transfer may be initiated only when the bus
is not busy.
• During data transfer, the data line must remain
stable whenever the clock line is high. Changes in
the data line while the clock line is high will be
interpreted as a Start or Stop condition.
Accordingly, the following bus conditions have been
defined (Figure 4-1).
4.1
Bus Not Busy (A)
Both data and clock lines remain high.
4.2
Start Data Transfer (B)
A high-to-low transition of the SDA line while the clock
(SCL) is high determines a Start condition. All
commands must be preceded by a Start condition.
4.3
Stop Data Transfer (C)
A low-to-high transition of the SDA line while the clock
(SCL) is high determines a Stop condition. All
operations must be ended with a Stop condition.
4.4
Data Valid (D)
The state of the data line represents valid data when,
after a Start condition, the data line is stable for the
duration of the high period of the clock signal.
The data on the line must be changed during the low
period of the clock signal. There is one bit of data per
clock pulse.
Each data transfer is initiated with a Start condition and
terminated with a Stop condition. The number of the
data bytes transferred between the Start and Stop
conditions is determined by the master device and is
theoretically unlimited.


Similar Part No. - 24LC00T-IOTG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC00T-IOT MICROCHIP-24LC00T-IOT Datasheet
156Kb / 18P
   128 Bit I2C Bus Serial EEPROM
2003
More results

Similar Description - 24LC00T-IOTG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA00 MICROCHIP-24AA00 Datasheet
156Kb / 18P
   128 Bit I2C Bus Serial EEPROM
2003
24AA00 MICROCHIP-24AA00_07 Datasheet
378Kb / 24P
   128 Bit I2C Bus Serial EEPROM
2007
24AA00 MICROCHIP-24AA00_V01 Datasheet
685Kb / 34P
   128-Bit I2C Bus Serial EEPROM
Revision J 08/2018
24LC00-I-SN MICROCHIP-24LC00-I-SN Datasheet
380Kb / 24P
   128-Bit I2C??Bus Serial EEPROM
2007
24AA00 MICROCHIP-24AA00_11 Datasheet
788Kb / 34P
   128-Bit I2C??Bus Serial EEPROM
08/02/11
24LC00T MICROCHIP-24LC00T Datasheet
312Kb / 24P
   128-Bit I2C Bus Serial EEPROM
12/08/06
logo
STMicroelectronics
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
   128-Kbit serial I2C bus EEPROM
logo
ON Semiconductor
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
   EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
logo
Catalyst Semiconductor
CAT24C00 CATALYST-CAT24C00 Datasheet
414Kb / 10P
   128-bit Serial EEPROM
CAT24C00 CATALYST-CAT24C00_05 Datasheet
624Kb / 10P
   128-Bit Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com