Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6989FVM-TR Datasheet(PDF) 6 Page - Rohm

Part # BD6989FVM-TR
Description  Low-voltage Single-phase Full-wave DC Brushless Fan Motor Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6989FVM-TR Datasheet(HTML) 6 Page - Rohm

Back Button BD6989FVM-TR Datasheet HTML 2Page - Rohm BD6989FVM-TR Datasheet HTML 3Page - Rohm BD6989FVM-TR Datasheet HTML 4Page - Rohm BD6989FVM-TR Datasheet HTML 5Page - Rohm BD6989FVM-TR Datasheet HTML 6Page - Rohm BD6989FVM-TR Datasheet HTML 7Page - Rohm BD6989FVM-TR Datasheet HTML 8Page - Rohm BD6989FVM-TR Datasheet HTML 9Page - Rohm BD6989FVM-TR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/16
BH6766FVM
0
1
2
3
4
5
6
024
68
Supply voltage, Vcc[V]
-15
-10
-5
0
5
10
15
02
468
Supply voltage, Vcc[V]
0.0
0.2
0.4
0.6
0.8
1.0
0.0
2.0
4.0
6.0
8.0
Supply voltage, Vcc[V]
0.0
0.1
0.2
0.3
0.4
0.5
01
23
45
AL current, IAL[mA]
0.0
0.1
0.2
0.3
0.4
0.5
01
2
3
45
FG current, IFG[mA]
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
02
468
Supply voltage, Vcc[V]
0.0
0.4
0.8
1.2
1.6
02
46
8
10
Hall bias current, IHB[mA]
Fig.18 Hall bias voltage
Fig.15 Input hysteresis voltage
105℃
Fig.13 FG low voltage
Fig.14 AL low voltage
6V
2.2V
5V
Fig.17 Lock detection OFF time
-40℃
25℃
105℃
Fig.16 Lock detection ON time
-40℃
25℃
105℃
105℃
25℃
-40℃
25℃
-40℃
105℃
25℃
-40℃
BH6799FVM
BH6799FVM
BH6789FVM
BH6799FVM/BH6789FVM
BH6799FVM/BH6789FVM
BH6799FVM/BH6789FVM
6V
2.2V
5V
Operating Voltage Range
Operating Voltage Range
Operating Voltage Range
0.0
0.4
0.8
1.2
1.6
024
68
10
Hall bias current, IHB[mA]
-20
-15
-10
-5
0
5
10
15
20
02
468
Supply voltage, Vcc[V]
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Output current, Io[A]
Fig.20 Output L voltage
105℃
25℃
-40℃
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Output current, Io [A]
0.0
0.1
0.2
0.3
0.4
0.5
01
2
3
45
FG current, IFG[mA]
Fig.19 Circuit current
105℃
-40℃
25℃
105℃
Fig.21 Output H voltage
Fig.22 FG low voltage
105℃
25℃
-40℃
Fig.24 Hall bias voltage
Fig.23 Input hysteresis voltage
25℃
-40℃
105℃
25℃
-40℃
BH6766FVM
BH6766FVM
BH6766FVM
BH6766FVM
BH6766FVM
105℃
25℃
-40℃
BH6766FVM
6V
2.2V
5V
Operating Voltage Range
Operating Voltage Range


Similar Part No. - BD6989FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6989FVM ROHM-BD6989FVM Datasheet
224Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BD6989FVM ROHM-BD6989FVM Datasheet
131Kb / 4P
   Silicon Monolithic Integrated Circuit
BD6989FVM ROHM-BD6989FVM_1 Datasheet
131Kb / 4P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BD6989FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6701F ROHM-BD6701F_12 Datasheet
518Kb / 17P
   Two-phase Full-wave DC Brushless Fan Motor Drivers
BA6901F ROHM-BA6901F_12 Datasheet
602Kb / 21P
   Two-phase Full-wave DC Brushless Fan Motor Drivers
logo
Sanyo Semicon Device
LB1962M SANYO-LB1962M Datasheet
47Kb / 7P
   Fan Motor Single-Phase Full-Wave Drivers
logo
Rohm
BD6345FV ROHM-BD6345FV Datasheet
1Mb / 18P
   Three-phase Full-wave DC Brushless Fan Motor Driver
logo
Diodes Incorporated
AM9799 DIODES-AM9799 Datasheet
368Kb / 9P
   Single Phase Full-wave Low Voltage Fan Motor Driver
Jun. 2011 Rev. 1. 1
logo
BCD Semiconductor Manuf...
AM9799 BCDSEMI-AM9799_11 Datasheet
368Kb / 9P
   Single Phase Full-wave Low Voltage Fan Motor Driver
AM9799 BCDSEMI-AM9799 Datasheet
539Kb / 9P
   Single Phase Full-wave Low Voltage Fan Motor Driver
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com