Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF21BSCC Datasheet(PDF) 2 Page - Amphenol Corporation

Part # RJF21BSCC
Description  RJ FieldRJ Field Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RJF21BSCC Datasheet(HTML) 2 Page - Amphenol Corporation

  RJF21BSCC Datasheet HTML 1Page - Amphenol Corporation RJF21BSCC Datasheet HTML 2Page - Amphenol Corporation RJF21BSCC Datasheet HTML 3Page - Amphenol Corporation RJF21BSCC Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Amphenol Socapex Promenade de l’Arve – BP 29 – 74311 THYEZ - F
Tel. : + 33 (0) 4 50 89 28 00 - Fax : + 33 (0) 4 50 96 29 75
http://www.rjfield.com
Amphenol ®
Main Characteristics
Main Characteristics
Environmental Protection
Sealing : IP67
Salt Spray :
48 h with Nickel plating
> 96 h with black coating
> 500 h with Oliv Drab Cadmium
Fire Retardant / Low Smoke : UL94 V0 and NF F 16 101 & 16 102
Vibrations : 10 – 500 Hz, 10 g, 3 axes : no discontinuity > 10 nano s.
Shocks : IK06 : weight of 250 g drop from 40 cm [15.75 in] onto
connectors (mated pair)
Humidity : 21 days, 43°C, 98% humidity
Thermal Shock : 5 cycles at - 40°C / +100°C
Temperature Range : - 40°C / +85°C
Data Transmission
10 BaseT, 100 BaseTX and 1000 BaseT networks
Cat 5e per TIA/EIA 568B and ClassD per ISO/IEC 11801
Mechanical
Bayonet coupling ( “Audible & Visual” coupling signal )
4 mechanical Coding / Polarization possibilities by the
user (insert rotation)
RJ45 cordset retention in the plug : 100 N in the axis
Mating cycles : 500 min
Universal : Can be used with all standard * RJ45 Cat.5e cordset brands
RJStop
®
Patent
Assembly instructions
1.
Push down the RJ45 cordset latch, and fix it inside
the insert
2.
Press in and click the other part of the insert
3.
Insert in the metallic housing
Easy and Safe : No field cabling tools required
* The RJStop
® system allows the use of standard RJ45 cordsets regardless their Brand. However, Amphenol Socapex can
provide Cat5-5e cordset with reinforced jacket to be used in harsh environments (shocks, oils, fuel,…). Please consult factory.


Similar Part No. - RJF21BSCC

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJF21B10100BTX AMPHENOL-RJF21B10100BTX Datasheet
490Kb / 4P
   Ethernet ConnectionConnectionSystem System for Harsh EnvironmentHarsh Environment The Industrial Ethernet SolutionEthernet Solution
RJF21B15100BTX AMPHENOL-RJF21B15100BTX Datasheet
490Kb / 4P
   Ethernet ConnectionConnectionSystem System for Harsh EnvironmentHarsh Environment The Industrial Ethernet SolutionEthernet Solution
More results

Similar Description - RJF21BSCC

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RJF22B03100BTX AMPHENOL-RJF22B03100BTX Datasheet
249Kb / 4P
   Ethernet Connection System for Harsh Environment ?밒ndustrial EthernetTransform
RJFC7B AMPHENOL-RJFC7B Datasheet
249Kb / 4P
   Ethernet Connection System for Harsh Environment ?밒ndustrial Ethernet
RJFC7G AMPHENOL-RJFC7G Datasheet
249Kb / 4P
   Ethernet Connection System for Harsh Environment - Industrial EthernetTransform
RJFTV6MG AMPHENOL-RJFTV6MG Datasheet
260Kb / 4P
   Ethernet ConnectionSystem for Harsh Environment
RJFTV2PEM1G AMPHENOL-RJFTV2PEM1G Datasheet
356Kb / 4P
   Ethernet ConnectionSystem for Harsh Environment
JE18 AMPHENOL-JE18 Datasheet
490Kb / 4P
   Ethernet ConnectionConnectionSystem System for Harsh EnvironmentHarsh Environment The Industrial Ethernet SolutionEthernet Solution
logo
Neutrik AG
NE8MC NEUTRIK-NE8MC Datasheet
92Kb / 2P
   The RJ45 system for harsh and demanding environment
logo
Abracon Corporation
ASTMUPLP ABRACON-ASTMUPLP Datasheet
2Mb / 6P
   Harsh environment
07.22.15
logo
Amphenol Corporation
RJFTV71G AMPHENOL-RJFTV71G Datasheet
260Kb / 4P
   2004Ethernet ConnectionSystem for Harsh Environment
USBFTV22G AMPHENOL-USBFTV22G Datasheet
361Kb / 4P
   USB conectionSystem for Harsh Environment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com