Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQW15AN33NG80 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # LQW15AN33NG80
Description  Inductance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW15AN33NG80 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  LQW15AN33NG80 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQW15AN33NG80 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQW15AN33NG80 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQW15AN33NG80 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQW15AN33NG80 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQW15AN33NG80 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQW15AN33NG80 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
4
RF Inductors (Coils)
2013.7.8
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Continued from the preceding page.
Part Number
Inductance
Inductance
test frequency
Rated current
Max. of DC resistance
Q (min.)
Q test frequency
Self resonance
frequency (min.)
LQW15AN6N4G80
p
6.4nH
±2%
100MHz
1380mA
0.065
Ω
33
250MHz
7GHz
LQW15AN6N4J80
p
6.4nH
±5%
100MHz
1380mA
0.065
Ω
33
250MHz
7GHz
LQW15AN6N5G80
p
6.5nH
±2%
100MHz
1380mA
0.065
Ω
32
250MHz
7GHz
LQW15AN6N5J80
p
6.5nH
±5%
100MHz
1380mA
0.065
Ω
32
250MHz
7GHz
LQW15AN6N6G80
p
6.6nH
±2%
100MHz
1280mA
0.078
Ω
30
250MHz
7GHz
LQW15AN6N6J80
p
6.6nH
±5%
100MHz
1280mA
0.078
Ω
30
250MHz
7GHz
LQW15AN6N7G80
p
6.7nH
±2%
100MHz
1280mA
0.078
Ω
30
250MHz
7GHz
LQW15AN6N7J80
p
6.7nH
±5%
100MHz
1280mA
0.078
Ω
30
250MHz
7GHz
LQW15AN6N9G80
p
6.9nH
±2%
100MHz
1420mA
0.069
Ω
32
250MHz
8.5GHz
LQW15AN6N9J80
p
6.9nH
±5%
100MHz
1420mA
0.069
Ω
32
250MHz
8.5GHz
LQW15AN7N0G80
p
7.0nH
±2%
100MHz
1420mA
0.069
Ω
33
250MHz
8GHz
LQW15AN7N0J80
p
7.0nH
±5%
100MHz
1420mA
0.069
Ω
33
250MHz
8GHz
LQW15AN7N1G80
p
7.1nH
±2%
100MHz
1420mA
0.069
Ω
32
250MHz
7GHz
LQW15AN7N1J80
p
7.1nH
±5%
100MHz
1420mA
0.069
Ω
32
250MHz
7GHz
LQW15AN7N2G80
p
7.2nH
±2%
100MHz
1700mA
0.05
Ω
32
250MHz
7GHz
LQW15AN7N2J80
p
7.2nH
±5%
100MHz
1700mA
0.05
Ω
32
250MHz
7GHz
LQW15AN7N3G80
p
7.3nH
±2%
100MHz
1700mA
0.05
Ω
32
250MHz
7GHz
LQW15AN7N3J80
p
7.3nH
±5%
100MHz
1700mA
0.05
Ω
32
250MHz
7GHz
LQW15AN7N4G80
p
7.4nH
±2%
100MHz
1700mA
0.050
Ω
30
250MHz
7GHz
LQW15AN7N4J80
p
7.4nH
±5%
100MHz
1700mA
0.050
Ω
30
250MHz
7GHz
LQW15AN7N5G80
p
7.5nH
±2%
100MHz
1700mA
0.050
Ω
35
250MHz
7GHz
LQW15AN7N5J80
p
7.5nH
±5%
100MHz
1700mA
0.050
Ω
35
250MHz
7GHz
LQW15AN7N6G80
p
7.6nH
±2%
100MHz
1700mA
0.050
Ω
30
250MHz
7GHz
LQW15AN7N6J80
p
7.6nH
±5%
100MHz
1700mA
0.050
Ω
30
250MHz
7GHz
LQW15AN7N7G80
p
7.7nH
±2%
100MHz
1700mA
0.050
Ω
30
250MHz
7GHz
LQW15AN7N7J80
p
7.7nH
±5%
100MHz
1700mA
0.050
Ω
30
250MHz
7GHz
LQW15AN7N8G80
p
7.8nH
±2%
100MHz
1700mA
0.050
Ω
30
250MHz
7GHz
LQW15AN7N8J80
p
7.8nH
±5%
100MHz
1700mA
0.050
Ω
30
250MHz
7GHz
LQW15AN7N9G80
p
7.9nH
±2%
100MHz
1700mA
0.05
Ω
30
250MHz
7GHz
LQW15AN7N9J80
p
7.9nH
±5%
100MHz
1700mA
0.05
Ω
30
250MHz
7GHz
LQW15AN8N0G80
p
8.0nH
±2%
100MHz
1700mA
0.050
Ω
30
250MHz
7GHz
LQW15AN8N0J80
p
8.0nH
±5%
100MHz
1700mA
0.050
Ω
30
250MHz
7GHz
LQW15AN8N1G80
p
8.1nH
±2%
100MHz
1500mA
0.069
Ω
32
250MHz
6.5GHz
LQW15AN8N1J80
p
8.1nH
±5%
100MHz
1500mA
0.069
Ω
32
250MHz
6.5GHz
LQW15AN8N2G80
p
8.2nH
±2%
100MHz
1500mA
0.069
Ω
32
250MHz
6.5GHz
LQW15AN8N2J80
p
8.2nH
±5%
100MHz
1500mA
0.069
Ω
32
250MHz
6.5GHz
LQW15AN8N3G80
p
8.3nH
±2%
100MHz
1500mA
0.069
Ω
32
250MHz
6.5GHz
LQW15AN8N3J80
p
8.3nH
±5%
100MHz
1500mA
0.069
Ω
32
250MHz
6.5GHz
LQW15AN8N4G80
p
8.4nH
±2%
100MHz
1500mA
0.069
Ω
32
250MHz
6.5GHz
LQW15AN8N4J80
p
8.4nH
±5%
100MHz
1500mA
0.069
Ω
32
250MHz
6.5GHz
LQW15AN8N5G80
p
8.5nH
±2%
100MHz
1500mA
0.069
Ω
32
250MHz
6.5GHz
LQW15AN8N5J80
p
8.5nH
±5%
100MHz
1500mA
0.069
Ω
32
250MHz
6.5GHz
LQW15AN9N1G80
p
9.1nH
±2%
100MHz
1400mA
0.080
Ω
32
250MHz
6.5GHz
LQW15AN9N1J80
p
9.1nH
±5%
100MHz
1400mA
0.080
Ω
32
250MHz
6.5GHz
LQW15AN9N2G80
p
9.2nH
±2%
100MHz
1400mA
0.081
Ω
32
250MHz
6GHz
Operating temperature range (Self-temperature rise is not included): -55
∼125℃
Only for reflow soldering.
Continued on the following page.


Similar Part No. - LQW15AN33NG80

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW15AN33NG80 MURATA-LQW15AN33NG80 Datasheet
94Kb / 2P
   Inductance
LQW15AN33NG80B MURATA-LQW15AN33NG80B Datasheet
94Kb / 2P
   Inductance
LQW15AN33NG80D MURATA-LQW15AN33NG80D Datasheet
94Kb / 2P
   Inductance
More results

Similar Description - LQW15AN33NG80

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP02TN27NJ02 MURATA-LQP02TN27NJ02 Datasheet
68Kb / 2P
   Inductance
LQP02TN1N8B02 MURATA-LQP02TN1N8B02 Datasheet
68Kb / 2P
   Inductance
LQP03TG27NJ02 MURATA-LQP03TG27NJ02 Datasheet
72Kb / 2P
   Inductance
LQP03TG22NH02 MURATA-LQP03TG22NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG15NH02 MURATA-LQP03TG15NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG2N1B02 MURATA-LQP03TG2N1B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG1N0B02 MURATA-LQP03TG1N0B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N7B02 MURATA-LQP03TG0N7B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N5B02 MURATA-LQP03TG0N5B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4C02 MURATA-LQP03TG0N4C02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4B02 MURATA-LQP03TG0N4B02 Datasheet
72Kb / 2P
   Inductance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com