Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1732TL Datasheet(PDF) 2 Page - Rohm

Part # 2SB1732TL
Description  Genera purpose amplification(??2V, ??.5A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1732TL Datasheet(HTML) 2 Page - Rohm

  2SB1732TL Datasheet HTML 1Page - Rohm 2SB1732TL Datasheet HTML 2Page - Rohm 2SB1732TL Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB1732
Transistors
Rev.B
2/2
Electrical characteristic curves
Fig.1 DC current gain vs.
collector current
0.001
0.01
0.1
10
100
1000
110
PULSED
VCE
=−2V
COLLECTOR CURRENT : IC (
A)
Ta
=100°C
25
°C
−40°C
Fig.2 Collector-emitter saturation voltage
vs.collector current
Fig.3 Base-emitter saturation voltage
vs.collector current
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
COLLECTOR CURRENT : IC (
A)
PULSED
IC/IB
=20
Ta
=100°C
25
°C
−40°C
Ta
=−40°C
25
°C
100
°C
Fig.4 Collector-emitter saturation
voltage vs. collector current
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
IC/IB
=50
20
10
COLLECTOR CURRENT : IC (
A)
PULSED
Ta
=25°C
Fig.5 Grounded emitter propagation
characteristics
0
0.5
1
0.001
0.1
1
0.01
10
1.5
PULSED
VCE
=−2V
BASE TO EMITTER VOLTAGE : VBE (V
)
Ta
=100°C
25
°C
−40°C
Fig.6 Gain bandwidth product
vs. emitter current
0.001
0.01
0.1
10
100
1000
110
Ta
=25°C
VCE
=−2V
f
=100MHz
EMITTER CURRENT : IE (
A)
Fig.7 Collector output capacitance
vs. collector-base voltage
0.1
1
1
10
100
10
100
Ta
=25°C
IE
=0mA
f
=1MHz
COLLECTOR TO BASE VOLTAGE : VCB (V
)
Emitter input capacitance
vs. emitter-base voltage


Similar Part No. - 2SB1732TL

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1732 ROHM-2SB1732 Datasheet
102Kb / 3P
   Genera purpose amplification(-12V, -1.5A)
2SB1732 ROHM-2SB1732 Datasheet
110Kb / 3P
   Genera purpose amplification(−12V, −1.5A)
2SB1732 ROHM-2SB1732_1 Datasheet
110Kb / 3P
   Genera purpose amplification(−12V, −1.5A)
More results

Similar Description - 2SB1732TL

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1709 ROHM-2SB1709_1 Datasheet
109Kb / 3P
   Genera purpose amplification(−12V, −1.5A)
2SB1732 ROHM-2SB1732 Datasheet
102Kb / 3P
   Genera purpose amplification(-12V, -1.5A)
2SB1732 ROHM-2SB1732_1 Datasheet
110Kb / 3P
   Genera purpose amplification(−12V, −1.5A)
2SB1709 ROHM-2SB1709 Datasheet
104Kb / 3P
   Genera purpose amplification(-12V, -1.5A)
2SB1690 ROHM-2SB1690_05 Datasheet
63Kb / 3P
   General purpose amplification(??2V, ??A)
QSX2 ROHM-QSX2 Datasheet
68Kb / 3P
   General purpose amplification (30V, 5A)
logo
Weitron Technology
2SA2018 WEITRON-2SA2018 Datasheet
181Kb / 3P
   PNP Genera Purpose Transistors
logo
ON Semiconductor
MCH3383-TL-H ONSEMI-MCH3383-TL-H Datasheet
391Kb / 7P
   P-Channel Power MOSFET ??2V, ??.5A, 69m廓, Single MCPH3
July, 2013
logo
Rohm
US6T9 ROHM-US6T9 Datasheet
106Kb / 3P
   General purpose amplification (-30V, -1A)
QSX7 ROHM-QSX7 Datasheet
69Kb / 3P
   General purpose amplification (12V, 1.5A)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com