Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29JL032J70TFI420 Datasheet(PDF) 3 Page - SPANSION

Part # S29JL032J70TFI420
Description  32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29JL032J70TFI420 Datasheet(HTML) 3 Page - SPANSION

  S29JL032J70TFI420 Datasheet HTML 1Page - SPANSION S29JL032J70TFI420 Datasheet HTML 2Page - SPANSION S29JL032J70TFI420 Datasheet HTML 3Page - SPANSION S29JL032J70TFI420 Datasheet HTML 4Page - SPANSION S29JL032J70TFI420 Datasheet HTML 5Page - SPANSION S29JL032J70TFI420 Datasheet HTML 6Page - SPANSION S29JL032J70TFI420 Datasheet HTML 7Page - SPANSION S29JL032J70TFI420 Datasheet HTML 8Page - SPANSION S29JL032J70TFI420 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
Publication Number S29JL032J_00
Revision 06
Issue Date December 16, 2011
Distinctive Characteristics
Architectural Advantages
 Simultaneous Read/Write operations
– Data can be continuously read from one bank while executing
erase/program functions in another bank.
– Zero latency between read and write operations
 Multiple bank architecture
– Four bank architectures available (refer to Table 8.2 on page 17).
 Boot sectors
– Top or bottom boot sector configurations available
– Any combination of sectors can be erased
 Manufactured on 0.11 µm Process Technology
 Secured Silicon Region: Extra 256 byte sector
– Factory locked and identifiable: 16 bytes available for secure,
random factory Electronic Serial Number; verifiable as factory
locked through autoselect function
– Customer lockable: One-time programmable only. Once locked,
data cannot be changed
 Zero power operation
– Sophisticated power management circuits reduce power consumed
during inactive periods to nearly zero.
 Compatible with JEDEC standards
– Pinout and software compatible with single-power-supply flash
standard
Package Options
 48-ball Fine-pitch BGA
 48-pin TSOP
Performance Characteristics
 High performance
– Access time as fast as 60 ns
– Program time: 6 µs/word typical using accelerated programming
function
 Ultra low power consumption (typical values)
– 2 mA active read current at 1 MHz
– 10 mA active read current at 5 MHz
– 200 nA in standby or automatic sleep mode
 Cycling endurance: 1 million cycles per sector typical
 Data retention: 20 years typical
Software Features
 Supports Common Flash Memory Interface (CFI)
 Erase suspend/Erase resume
– Suspends erase operations to read data from, or program data to, a
sector that is not being erased, then resumes the erase operation.
 Data# polling and toggle bits
– Provides a software method of detecting the status of program or
erase operations
 Unlock bypass program command
– Reduces overall programming time when issuing multiple program
command sequences
Hardware Features
 Ready/Busy# output (RY/BY#)
– Hardware method for detecting program or erase cycle completion
 Hardware reset pin (RESET#)
– Hardware method of resetting the internal state machine to the read
mode
 WP#/ACC input pin
– Write protect (WP#) function protects the two outermost boot
sectors regardless of sector protect status
– Acceleration (ACC) function accelerates program timing
 Sector protection
– Hardware method to prevent any program or erase operation within
a sector
– Temporary Sector Unprotect allows changing data in protected
sectors in-system
General Description
The S29JL032J is a 32 Mbit, 3.0 volt-only flash memory device, organized as 2,097,152 words of 16 bits each or 4,194,304
bytes of 8 bits each. Word mode data appears on DQ15–DQ0; byte mode data appears on DQ7–DQ0. The device is designed
to be programmed in-system with the standard 3.0 volt VCC supply, and can also be programmed in standard EPROM
programmers. The device is available with an access time of 60, or 70 ns and is offered in a 48-ball FBGA or a 48-pin TSOP
package. Standard control pins—chip enable (CE#), write enable (WE#), and output enable (OE#)—control normal read and
write operations, and avoid bus contention issues. The device requires only a single 3.0 volt power supply for both read and
write functions. Internally generated and regulated voltages are provided for the program and erase operations.
S29JL032J
32 Megabit (4M x 8-Bit/2M x 16-Bit)
CMOS 3.0 Volt-Only, Simultaneous Read/Write
Flash Memory
Data Sheet


Similar Part No. - S29JL032J70TFI420

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results

Similar Description - S29JL032J70TFI420

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29JL032J70TFI320 SPANSION-S29JL032J70TFI320 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL032J SPANSION-S29JL032J Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29JL064J SPANSION-S29JL064J Datasheet
1Mb / 61P
   64 Megabit (8M x 8-Bit/4M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
AMIC Technology
A29DL32X AMICC-A29DL32X Datasheet
771Kb / 50P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
S29JL032H SPANSION-S29JL032H_09 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29DL640G AMD-AM29DL640G Datasheet
1Mb / 52P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29DL640H SPANSION-AM29DL640H_05 Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com