Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTF1N450 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTF1N450
Description  High Voltage Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTF1N450 Datasheet(HTML) 3 Page - IXYS Corporation

  IXTF1N450 Datasheet HTML 1Page - IXYS Corporation IXTF1N450 Datasheet HTML 2Page - IXYS Corporation IXTF1N450 Datasheet HTML 3Page - IXYS Corporation IXTF1N450 Datasheet HTML 4Page - IXYS Corporation IXTF1N450 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
IXTF1N450
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
50
100
150
200
250
300
VDS - Volts
VGS = 10V
8V
6V
7V
6.5V
Fig. 3. Output Characteristics @ TJ = 125ºC
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
2040
6080
100
120
140
160
VDS - Volts
VGS = 10V
7V
6V
5V
Fig. 4. RDS(on) Normalized to ID = 0.5A Value vs.
Junction Temperature
0.2
0.6
1.0
1.4
1.8
2.2
2.6
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 10V
I D = 0.5A
I D = 1A
Fig. 5. RDS(on) Normalized to ID = 0.5A Value vs.
Drain Current
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
ID - Amperes
VGS = 10V
TJ = 125ºC
TJ = 25ºC
Fig. 6. Maximum Drain Current vs.
Case Temperature
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
255075
100
125
150
TC - Degrees Centigrade
Fig. 1. Output Characteristics @ TJ = 25ºC
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
10203040
50
60
7080
VDS - Volts
VGS = 10V
9V
7V
6V
8V


Similar Part No. - IXTF1N450

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTF1N400 IXYS-IXTF1N400 Datasheet
152Kb / 4P
   High Voltage Power MOSFET (Electrically Isolated Tab) N-Channel Enhancement Mode
More results

Similar Description - IXTF1N450

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH6N120 IXYS-IXTH6N120 Datasheet
590Kb / 4P
   High Voltage Power MOSFET
IXTH1N300P3HV IXYS-IXTH1N300P3HV Datasheet
220Kb / 5P
   High Voltage Power MOSFET
2014
IXTY02N50D IXYS-IXTY02N50D_17 Datasheet
213Kb / 4P
   High Voltage Power MOSFET
IXTT1N450HV IXYS-IXTT1N450HV_V01 Datasheet
219Kb / 6P
   High Voltage Power MOSFET
04/14
IXTT1N450HV IXYS-IXTT1N450HV Datasheet
156Kb / 5P
   High Voltage Power MOSFET
IXTF03N400 IXYS-IXTF03N400 Datasheet
155Kb / 4P
   High Voltage Power MOSFET
IXTU05N100 IXYS-IXTU05N100 Datasheet
109Kb / 4P
   High Voltage Power MOSFET
IXFT12N100QHV IXYS-IXFT12N100QHV Datasheet
205Kb / 5P
   High Voltage Power MOSFET
IXTJ6N150 IXYS-IXTJ6N150 Datasheet
156Kb / 5P
   High Voltage Power MOSFET
IXTF02N450 IXYS-IXTF02N450 Datasheet
161Kb / 5P
   High Voltage Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com