Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTA02N450HV Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTA02N450HV
Description  High Voltage Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA02N450HV Datasheet(HTML) 2 Page - IXYS Corporation

  IXTA02N450HV Datasheet HTML 1Page - IXYS Corporation IXTA02N450HV Datasheet HTML 2Page - IXYS Corporation IXTA02N450HV Datasheet HTML 3Page - IXYS Corporation IXTA02N450HV Datasheet HTML 4Page - IXYS Corporation IXTA02N450HV Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTA02N450HV
IXTT02N450HV
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 60V, ID = 30mA, Note 1
60
100
mS
C
iss
256
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
19
pF
C
rss
5.5
pF
R
Gi
Gate Input Resistance
76
Ω
t
d(on)
17
ns
t
r
48
ns
t
d(off)
28
ns
t
f
143
ns
Q
g(on)
10.4
nC
Q
gs
V
GS = 10V, VDS = 1kV, ID = 0.5 • ID25
3.4
nC
Q
gd
5.0
nC
R
thJC
1.1
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
200 mA
I
SM
Repetitive, Pulse Width Limited by T
JM
800 mA
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
I
F = 200mA, -di/dt = 50A/μs, VR = 100V
1.6
μs
Note:
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are derived
from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a
"considered reflection" of the anticipated result. IXYS reserves the right to change limits, test
conditions, and dimensions without notice.
Resistive Switching Times
V
GS = 10V, VDS = 500V, ID = 0.5 • ID25
R
G = 10Ω (External)
TO-263 (VHV) Outline
TO-268 (VHV) Outline
PIN: 1 - Gate
2 - Source
3 - Drain
PIN:
1 - Gate
2 - Source
3 - Drain


Similar Part No. - IXTA02N450HV

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA02N250 IXYS-IXTA02N250 Datasheet
244Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Diode
IXTA02N250HV IXYS-IXTA02N250HV Datasheet
191Kb / 5P
   N-Channel Enhancement Mode Fast Intrinsic Diode
More results

Similar Description - IXTA02N450HV

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA3N120 IXYS-IXTA3N120 Datasheet
102Kb / 4P
   High Voltage Power MOSFETs
IXTH3N120 IXYS-IXTH3N120 Datasheet
145Kb / 4P
   High Voltage Power MOSFETs
IXTH6N150 IXYS-IXTH6N150 Datasheet
135Kb / 5P
   High Voltage Power MOSFETs
IXTH02N250 IXYS-IXTH02N250 Datasheet
244Kb / 5P
   High Voltage Power MOSFETs
IXTV03N400S IXYS-IXTV03N400S Datasheet
193Kb / 4P
   High Voltage Power MOSFETs
IXTP3N120 IXYS-IXTP3N120 Datasheet
562Kb / 4P
   High Voltage Power MOSFETs
logo
Seme LAB
SML100B13 SEME-LAB-SML100B13 Datasheet
21Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100H9 SEME-LAB-SML100H9 Datasheet
26Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100S13 SEME-LAB-SML100S13 Datasheet
20Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML10T75XX SEME-LAB-SML10T75XX Datasheet
19Kb / 2P
   N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com