Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6260CIRZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6260CIRZ-T
Description  Multiphase PWM Regulator for IMVP-6 Mobile CPUs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6260CIRZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6260CIRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6260CIRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6260CIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6260CIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6260CIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6260CIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6260CIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6260CIRZ-T Datasheet HTML 9Page - Intersil Corporation ISL6260CIRZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
FN9259.3
June 21, 2010
PMON Maximum Voltage
Vpmonmax
2.8
3
V
PMON Sourcing Current
VSEN = 1.0V, Droop-Vo = 50mV
2.0
mA
PMON Sinking Current
VSEN = 1.0V, Droop-Vo = 50mV
2.0
mA
Maximum Current Sinking Capability
See Figure 36
Vpmon/
250
Vpmon/
180
Vpmon/
130
A
PMON Impedance
When PMON is within its sourcing/sinking
current range (Note 3)
7
Ω
3. Limits established by characterization and are not production tested.
Electrical Specifications
Operating Conditions: VDD = 5V, TA = -40°C to +100°C, unless otherwise noted. Parameters with MIN and/or
MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6260C


Similar Part No. - ISL6260CIRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6260CIRZ-T RENESAS-ISL6260CIRZ-T Datasheet
1Mb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
More results

Similar Description - ISL6260CIRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6260CCRZ INTERSIL-ISL6260CCRZ Datasheet
690Kb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
logo
Renesas Technology Corp
ISL6260C RENESAS-ISL6260C Datasheet
1Mb / 28P
   Multiphase PWM Regulator for IMVP-6 Mobile CPUs
logo
Intersil Corporation
ISL62883HRTZ-T INTERSIL-ISL62883HRTZ-T Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62883 RENESAS-ISL62883 Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs
logo
Intersil Corporation
ISL6260 INTERSIL-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Renesas Technology Corp
ISL6260 RENESAS-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Intersil Corporation
ISL62883HRTZ INTERSIL-ISL62883HRTZ Datasheet
1Mb / 37P
   Multiphase PWM Regulator for IMVP-6.5™ Mobile CPUs
June 21, 2011
logo
Renesas Technology Corp
ISL62882 RENESAS-ISL62882 Datasheet
1Mb / 41P
   Multiphase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62883C RENESAS-ISL62883C Datasheet
142Kb / 1P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
Sep 1, 2022
logo
Intersil Corporation
ISL62883 INTERSIL-ISL62883 Datasheet
1Mb / 39P
   Multiphase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com